Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7267A Datasheet (PDF) - STMicroelectronics

TDA7267A Datasheet PDF - STMicroelectronics
Part # TDA7267A
Download  TDA7267A Download
File Size   100.61 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3W MONO AMPLIFIER

TDA7267A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7267A Datasheet PDF - STMicroelectronics

Part # TDA7267A
Download  TDA7267A Click to download

File Size   100.61 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3W MONO AMPLIFIER

TDA7267A Datasheet (HTML) - STMicroelectronics


TDA7267A Product details

DESCRIPTION
The device TDA7267A is a new technology Mono Audio Amplifier in PowerDIP package specifically designed for TV application.
Thanks to the fully complementary output configuration the device delivers a rail to rail voltage swing without need of boostrap capacitors.

■ CAN DELIVER 3W THD 10% 14.5V/8Ω
■ INTERNAL FIXED GAIN 32dB
■ NO FEEDBACK CAPACITOR
■ NO BOUCHEROT CELL
■ THERMAL PROTECTION
■ AC SHORT CIRCUIT PROTECTION
■ SVR CAPACITOR FOR BETTER RIPPLE REJECTION
■ LOW TURN-ON/OFF POP
■ STAND-BY MODE




Similar Part No. - TDA7267A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7267 STMICROELECTRONICS-TDA7267 Datasheet
51Kb / 5P
2W MONO AMPLIFIER
1998-Jun
TDA7267T STMICROELECTRONICS-TDA7267T Datasheet
154Kb / 10P
2 W mono amplifier
29-May-2009
More results


Similar Description - TDA7267A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA7056 STMICROELECTRONICS-STA7056 Datasheet
60Kb / 5P
3W MONO BRIDGE AMPLIFIER
Mar-2000
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 2
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
List of Unclassifed Man...
MD2103 ETC2-MD2103 Datasheet
207Kb / 9P
3W mono audio power amplifier
Version 1.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com