Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7490
Description  25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7490 Datasheet HTML 1Page - STMicroelectronics TDA7490 Datasheet HTML 2Page - STMicroelectronics TDA7490 Datasheet HTML 3Page - STMicroelectronics TDA7490 Datasheet HTML 4Page - STMicroelectronics TDA7490 Datasheet HTML 5Page - STMicroelectronics TDA7490 Datasheet HTML 6Page - STMicroelectronics TDA7490 Datasheet HTML 7Page - STMicroelectronics TDA7490 Datasheet HTML 8Page - STMicroelectronics TDA7490 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TDA7490
4/10
*: Po = measured across the load using the following inductor: COIL58120 MPPA 2 (magnectics) TURNS= 20
∅ 1 mm
(1) L = 15µH, C = 470nF
(2)
ηTop = 90% where Vcc = ±25V; RL = 8Ω; Po = 43W + 43W; THD = 20%
(3)
∆Gv is intended with R2, R17, R5, R9 1% precision
(4) Fsw = 0.25 · (1/(300ns + R13 · (C17 + 76pF) . 0.85)
(5) VRMAX = (+Vcc) - (-Vcc) when VR
≥VRMAX the device goes in Stand-By mode
Table 5. Electrical Characteristics
(Refer to the test circuit, VCC = ±21V; RL = 8
Ω; Demod. filter L = 30µH, C = 220nF; f = 1KHz; fsw = 200kHz;
Tamb = 25°C unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
±10
±25
V
Iq
Total Quiescent Current
RL =
∞ no LC filter
70
120
mA
VOS
Output Offset Voltage
-150
+150
mV
Po
Output Power
THD = 10%
THD= 1%
20
15
25
18
W
W
Po(BTL)
Output Power in Bridge
Configuration
VS = ±22V; RL = 16
Ω
THD = 10%
THD=1%
50
40
W
W
VS =±17V; RL = 8
Ω
THD = 10%
THD=1%
50
40
W
W
Po
(1)
Output Power
RL = 4
Ω Vcc=±16V
THD = 10%
THD=1%
25
18
W
W
PD
Maximum Dissipated Power
VCC = ±21V; RL = 8
Ω
P
ο = 25W + 25W; THD = 10%
6W
η(2)
Efficiency (*)
Po = 20W + 20W
80
89
%
THD
Total Harmonic Distortion
RL = 8
Ω; Po = 1 W
0.1
%
Imax
Overcurrent Protection
Threshold
RL = 0
3.5
5
A
Tj
Thermal Shut-down Junction
Temperature
150
°C
Gv
Closed Loop Gain
29
30
31
dB
∆Gv (3)
Gain Matching
-1
+1
dB
eN
Total Input Noise
RG = 50
Ω
A Curve
f = 20Hz to 22KHz
7
12
µV
µV
CT
Cross talk
f = 1 KHz, Po = 1W
55
dB
Ri
Input Resistance
20
30
k
Ω
SVR
Supply Voltage Rejection
f = 100Hz; Vr = 0.5
60
dB
Vrmax
Overvoltage Threshold (5)
55
60
V
Tr, Tt
Rising and Falling Time
50
70
ns
RDSON
Power Transistor on Resistance
0.4
0.8
Ω
Fsw (4)
Switching Frequency Range
100
200
230
KHz
MUTE & STAND-BY FUNCTIONS
VST-BY
Stand-by range
0
0 7
V
VMUTE
Mute Range
1.7
2.5
V
VPLAY
Play Range
4
5
V
AMUTE
Mute Attenuation
55
60
dB
IqST-BY
Quiescent Current @ Stand-by
3
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com