Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C554 Datasheet (PDF) - Exar Corporation

ST16C554 Datasheet PDF - Exar Corporation
Part # ST16C554
Download  ST16C554 Download
File Size   757.59 Kbytes
Page   39 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO

ST16C554 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C554 Datasheet PDF - Exar Corporation

Part # ST16C554
Download  ST16C554 Click to download

File Size   757.59 Kbytes
Page   39 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO

ST16C554 Datasheet (HTML) - Exar Corporation


ST16C554 Product details

GENERAL DESCRIPTION
The ST16C554/554D (554) is a quad Universal Asynchronous Receiver and Transmitter (UART) with 16 bytes of transmit and receive FIFOs, selectable receive FIFO trigger levels and data rates of up to 1.5 Mbps. Each UART has a set of registers that provide the user with operating status and control, receiver error indications, and modem serial interface controls. An internal loopback capability allows onboard diagnostics. The 554 is available in a 64-pin LQFP and a 68-pin PLCC package. The 64-pin package only offers the 16 mode interface, but the 68-pin package offers an additional 68 mode interface which allows easy integration with Motorola processors. The ST16C554CQ64 (64-pin) offers three state interrupt output while the ST16C554DCQ64 provides continuous interrupt output. The 554 combines the package interface modes of the 16C554 and 68C554 on a single integrated chip.

FEATURES
 • Pin-to-pin compatible with the industry standard ST16C454, ST68C454, ST68C554, TI’s TL16C554A and Philips’ SC16C554B
 • Intel or Motorola Data Bus Interface select
 • Four independent UART channels
    ■ Register Set Compatible to 16C550
    ■ Data rates of up to 1.5 Mbps at 5 V
    ■ Data rates of up to 500 Kbps at 3.3V
    ■ 16 byte Transmit FIFO
    ■ 16 byte Receive FIFO with error tags
    ■ 4 Selectable RX FIFO Trigger Levels
    ■ Full modem interface
 • 2.97V to 5.5V supply operation
 • Crystal oscillator or external clock input

APPLICATIONS
 • Portable Appliances
 • Telecommunication Network Routers
 • Ethernet Network Routers
 • Cellular Data Devices
 • Factory Automation and Process Controls




Similar Part No. - ST16C554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C554 EXAR-ST16C554 Datasheet
518Kb / 40P
QUAD UART WITH 16-BYTE FIFOS
ST16C554 EXAR-ST16C554 Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
518Kb / 40P
QUAD UART WITH 16-BYTE FIFOS
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
QUAD UART WITH 16-BYTE FIFOS
More results


Similar Description - ST16C554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com