Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0062 Datasheet (PDF) - Monolithic Power Systems

EV0062 Datasheet PDF - Monolithic Power Systems
Part # EV0062
Download  EV0062 Download
File Size   155.69 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.3MHz Low Power LED Torch/Flash Driver

EV0062 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0062 Datasheet PDF - Monolithic Power Systems

Part # EV0062
Download  EV0062 Click to download

File Size   155.69 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.3MHz Low Power LED Torch/Flash Driver

EV0062 Datasheet (HTML) - Monolithic Power Systems


EV0062 Product details

GENERAL DESCRIPTION
The EV0062 is an evaluation board designed to drive up to four (4) white LEDs in series. The board is based on MPS’ MP1541 SOT23 current mode step up converter. The MP1541 is intended for small, low power applications. The MP1541 switches at 1.3MHz and allows the use of tiny, low cost capacitors and inductors 2mm or less in height. Internal soft start results in small inrush current and extends the battery life. The MP1541 operates from an input voltage as low as 2.5V and can generate 12V at up to 200mA from a 5V supply.

FEATURES
• On Board Power MOSFET
• Uses Tiny Capacitors and Inductors
• 1.3MHz Fixed Switching Frequency
• Internally Compensated
• Internal Soft Start
• Operates with Input Voltage as Low as 2.5V and Output Voltage as High as 22V
• 12V at 200mA from 5V Input
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in a TSOT23-5 Package

APPLICATIONS
• Camera Phone Flash
• Handheld Computers and PDAs
• Digital Still and Video Cameras
• External Modems
• Small LCD Displays
• White LED Driver




Similar Part No. - EV0062

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0060 MPS-EV0060 Datasheet
207Kb / 5P
1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
EV0060 MPS-EV0060 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
EV0066 MPS-EV0066 Datasheet
281Kb / 6P
Mini 20W Stereo Class D Single Ended Audio Amplifier
More results


Similar Description - EV0062

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1653 AD-ADP1653 Datasheet
953Kb / 24P
Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
REV. A
logo
Allegro MicroSystems
A8530 ALLEGRO-A8530 Datasheet
476Kb / 11P
Ultracompact 6-Channel Backlight and Flash/Torch White LED Driver
logo
Monolithic Power System...
EV1527DR-02A MPS-EV1527DR-02A Datasheet
199Kb / 5P
1.3MHz Low Power LED Torch/Flash Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
MP3205 MPS-MP3205 Datasheet
277Kb / 6P
1.3MHz Fixed Frequency 5 White LED Driver
logo
Analog Devices
ADP1653 AD-ADP1653_15 Datasheet
979Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
REV. B
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
logo
Will Semiconductor Ltd.
WD3100 WILLSEMI-WD3100 Datasheet
840Kb / 9P
200mA Flash/Torch LED Driver
logo
Analog Devices
ADP1653 AD-ADP1653_V01 Datasheet
981Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com