Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1518DG Datasheet (PDF) - Monolithic Power Systems

MP1518DG Datasheet PDF - Monolithic Power Systems
Part # MP1518DG
Download  MP1518DG Download
File Size   167.58 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fixed Frequency WLED Driver Evaluation Board

MP1518DG Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1518DG Datasheet PDF - Monolithic Power Systems

Part # MP1518DG
Download  MP1518DG Click to download

File Size   167.58 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fixed Frequency WLED Driver Evaluation Board

MP1518DG Datasheet (HTML) - Monolithic Power Systems


MP1518DG Product details

GENERAL DESCRIPTION
The EV1518DG-00A is an evaluation board for the MP1518, a step-up converter designed for driving up to 6 series white LEDs from a single cell Lithium Ion battery. The MP1518 uses current mode, fixed frequency architecture to regulate the LED current, which is measured through an external current sense resistor. Its low 104mV feedback voltage reduces power loss and improves efficiency. The OV pin monitors the output voltage and turns off the converter if an over-voltage condition is present due to an open circuit condition.

FEATURES
• On Board Power MOSFET
• Drives up to 6 Series White LEDs
• Up to 87% Efficiency
• Over 1MHz Fixed Switching Frequency
• Open Load Shutdown
• Low 104mV Feedback Voltage
• Soft Start/PWM Dimming
• UVLO, Thermal Shutdown
• Internal Current Limit

APPLICATIONS
• Cell Phones
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays




Similar Part No. - MP1518DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1518DG MPS-MP1518DG Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
More results


Similar Description - MP1518DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
logo
Power IC Ltd.
PS1518 PICSEMI-PS1518 Datasheet
631Kb / 12P
High Efficiency, Fixed Frequency WLED Driver
PIC8518 PICSEMI-PIC8518 Datasheet
127Kb / 2P
High Efficiency, Fixed Frequency WLED Driver
logo
Monolithic Power System...
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302-J-01A MPS-EV3302-J-01A Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3306-G-00A MPS-EV3306-G-00A Datasheet
256Kb / 6P
700kHz Synchronous Boost WLED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com