Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1518DG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1518DG
Description  Fixed Frequency WLED Driver Evaluation Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1518DG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1518DG Datasheet HTML 1Page - Monolithic Power Systems MP1518DG Datasheet HTML 2Page - Monolithic Power Systems MP1518DG Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EV1518DG-00A – FIXED FREQUENCY WLED DRIVER EVALUATION BOARD
EV1518DG-00A Rev. 1.1
www.MonolithicPower.com
2
7/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
VIN
EN
GND
LED1
D1
BAT54WS-7
LED2
LED3
LED4
LED5
LED6
U1
MP1518
SW
IN
FB
OV
NC
EN
28
3
6
7
5
1
4
GND
GND
EV1518DG-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Manufacturer P/N
1
C1
4.7µF
Ceramic Capacitor,
6.3V, X5R
0805
TDK
C2012X5R0J475M
1
C2
0.22µF
Ceramic Capacitor, 50V,
X7R
1206
TDK
C3216X7R1H224K
1
D1
Diode Schottky, 30V,
200mW
SOD-323
Diodes Inc
BAT54WS-7
1
L1
22µH
400mA
SMD
Sumida
CDRH3D16-220NC
6
LED1, LED2,
LED3, LED4,
LED5, LED6
Not Stuffed
1
R1
100kΩ Resistor, 5%
0805
Panasonic
ERJ-6GEYJ104V
1
R2
4.99Ω
Resistor, 1%
0805
Yageo
9C08052A4R99FKHFT
1
U1
White Led Driver
QFN8
(2x2)
MPS
MP1518DG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com