Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA577 Datasheet (PDF) - NXP Semiconductors

SA577 Datasheet PDF - NXP Semiconductors
Part # SA577
Download  SA577 Download
File Size   61.88 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Unity gain level programmable power compandor

SA577 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA577 Datasheet PDF - NXP Semiconductors

Part # SA577
Download  SA577 Click to download

File Size   61.88 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Unity gain level programmable power compandor

SA577 Datasheet (HTML) - NXP Semiconductors


SA577 Product details

DESCRIPTION

The NE/SA577 is a unity gain level programmable compandor designed for low power applications. The NE577 is internally configured as an expandor and a compressor to minimize external component count.



FEATURES

•Operating voltage range: 1.8V to 7V

•Low power consumption(1.4mA @ 3.6V)

•0dB level programmable(10mVRMSto 1.0VRMS)

•Over 90dB of dynamic range

•Wide input/output swing capability (rail-to-rail)

•Low external component count

•SA577 meets cellular radio specifications

•ESD hardened



APPLICATIONS

•High performance portable communications

•Cellular radio

•Cordless telephone

•Consumer audio

•Wireless microphones

•Modems

•Electric organs

•Hearing aids

•Automatic level control (ALC)




Similar Part No. - SA577

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
50Kb / 4P
Unity gain level programmable low power compandor
December 15, 1993
SA5775 PHILIPS-SA5775 Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
SA5775A PHILIPS-SA5775A Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
SA5775AD PHILIPS-SA5775AD Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
SA5775AN PHILIPS-SA5775AN Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
More results


Similar Description - SA577

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
SA578 PHILIPS-SA578 Datasheet
63Kb / 7P
Unity gain level programmable low power compandor
1997 Nov 07
logo
Analog Devices
AMP03 AD-AMP03 Datasheet
281Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV.E
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
NXP Semiconductors
NE572 PHILIPS-NE572 Datasheet
125Kb / 8P
Programmable analog compandor
October 7, 1987
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
Unity gain level programmable low power compandor
December 15, 1993
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
Unity-Gain Stable
03/25/14
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
Unity-Gain Stable
03/25/14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com