Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA578 Datasheet (PDF) - NXP Semiconductors

SA578 Datasheet PDF - NXP Semiconductors
Part # SA578
Download  SA578 Download
File Size   63.49 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Unity gain level programmable low power compandor

SA578 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA578 Datasheet PDF - NXP Semiconductors

Part # SA578
Download  SA578 Click to download

File Size   63.49 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Unity gain level programmable low power compandor

SA578 Datasheet (HTML) - NXP Semiconductors


SA578 Product details

DESCRIPTION

The SA578 is a unity gain level programmable compandor designed for low power applications. The SA578 is internally configured as an expandor and a compressor to minimize external component count. The summing amplifiers of the SA578 have 600Ω drive capability and the inverting input of the compressor amplifier is accessible through Pin 9 for summing multiple external signals. Power Down/Mute function is active low and requires an open collector output logic configuration at Pin 8. If Power Down/Mute is not needed, Pin 8 should be left open. When the part is muted, supply current drops to 170mA at 3.6V.



FEATURES

• Operating voltage range: 1.8V to 7V

• Low power consumption (1.4mA @ 3.6V)

• 0dB level programmable (10mVRMS to 1.0VRMS)

• Over 90dB of dynamic range

• Wide input/output swing capability

• Low external component count

• SA578 meets cellular radio specifications

• ESD hardened

• Power Down mode (ICC = 170µA @ 3.6V)

• Mute function

• Multiple external summing capability

• 600Ω drive capability



APPLICATIONS

• High performance portable communications

• Cellular radio

• Cordless telephone

• Consumer audio

• Wireless microphones

• Modems

• Electric organs

• Hearing aids

• Automatic level control (ALC)



 




Similar Part No. - SA578

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA57 CIRRUS-SA57 Datasheet
870Kb / 14P
Switching Amplifier
SA57-IHZ CIRRUS-SA57-IHZ Datasheet
870Kb / 14P
Switching Amplifier
logo
NXP Semiconductors
SA57000-25D PHILIPS-SA57000-25D Datasheet
106Kb / 8P
CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-25UK PHILIPS-SA57000-25UK Datasheet
106Kb / 8P
CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28D PHILIPS-SA57000-28D Datasheet
106Kb / 8P
CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
More results


Similar Description - SA578

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
Low power compandor
1997 Aug 14
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
NE572 PHILIPS-NE572 Datasheet
125Kb / 8P
Programmable analog compandor
October 7, 1987
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
Unity gain level programmable low power compandor
December 15, 1993
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
Low Power Compandor
December 1993
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
Low Power, Unity Gain, Fully
REV. B
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
Unity-Gain Stable
03/25/14
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
Unity-Gain Stable
03/25/14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com