Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2000DJ Datasheet (PDF) - Monolithic Power Systems

MP2000DJ Datasheet PDF - Monolithic Power Systems
Part # MP2000DJ
Download  MP2000DJ Download
File Size   146.66 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Input Voltage 150mA Linear Regulator Evaluation Board

MP2000DJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2000DJ Datasheet PDF - Monolithic Power Systems

Part # MP2000DJ
Download  MP2000DJ Click to download

File Size   146.66 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Input Voltage 150mA Linear Regulator Evaluation Board

MP2000DJ Datasheet (HTML) - Monolithic Power Systems


MP2000DJ Product details

DESCRIPTION

The MP2000 is a low-voltage, low-dropout bipolar linear regulator. It operates from 1.35V to 6.0V input voltage, and regulates the output voltage from as low as 0.5V. The MP2000 can supply up to 150mA of load current. The MP2000 features thermal overload and current limit protection. It is available in a 5-pin TSOT23-5 package.



FEATURES

•Operates with VIN= 1.35V

• Low 300mV Dropout at 150mA Output

• ±3% Accurate Output Voltage

• Fixed and Adjustable Output Voltage Option

• Better Than 0.001%/mA Load Regulation

• Stable With Low-ESR Output Capacitor

• Low 65µA Ground Current

•Internal Thermal Protection

• Current Limit Protection

•6µA Typical Quiescent Current at Shutdown



APPLICATIONS

•Low Current Regulators

• Battery Powered Systems

•Cellular Phones




Similar Part No. - MP2000DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2000DJ-1.0 MPS-MP2000DJ-1.0 Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
MP2000DJ-1.0 MPS-MP2000DJ-1.0 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
MP2000DJ-ADJ MPS-MP2000DJ-ADJ Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
MP2000DJ-ADJ MPS-MP2000DJ-ADJ Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
More results


Similar Description - MP2000DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Micrel Semiconductor
MIC5247 MICREL-MIC5247_06 Datasheet
323Kb / 11P
150mA Low-Voltage 關Cap Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
MPQ2013BGQ-33 MPS-MPQ2013BGQ-33 Datasheet
462Kb / 8P
40V, 150mA, Low Quiescent Current Linear Regulator Evaluation Board
logo
Fitipower Integrated Te...
FP6160 FITIPOWER-FP6160 Datasheet
435Kb / 9P
150mA High Voltage Low Dropout Linear Regulator
logo
First Silicon Co., Ltd
FC6160 FS-FC6160 Datasheet
410Kb / 8P
150mA High Voltage Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com