Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2000DJ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2000DJ
Description  Low Input Voltage 150mA Linear Regulator Evaluation Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000DJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2000DJ Datasheet HTML 1Page - Monolithic Power Systems MP2000DJ Datasheet HTML 2Page - Monolithic Power Systems MP2000DJ Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EV2000DJ-00A – LOW INPUT VOLTAGE, 150MA LINEAR REGULATOR EV BOARD
EV2000DJ-00A Rev. 1.0
www.MonolithicPower.com
2
9/26/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
EN
GND
VIN
MP2000
IN
FB
3
2
4
5
1
OUT
GND
EN
T1
U1
T2
VOUT
GND
EV2000_S01
EV2000DJ-00A BILL OF MATERIALS
Qty
Ref
Value Description
Package Manufacturer Manufacturer P/N
1
C1
2.2µF Ceramic Capacitor, 10V, X5R
0805
TDK
C2012X5R1A225K
1
C2
0.1µF Ceramic Capacitor, 25V, X7R/X5R
0805
TDK
C2012X7R1E104K
1
C3
4.7µF Ceramic Capacitor, 6.3V, X5R
0805
TDK
C2012X5R0J475K
1
R1
28.7kΩ Resistor, 1%
0805
Panasonic
ERJ-6ENF4022V
1
R2
20.0kΩ Resistor, 1%
0805
Panasonic
ERJ-6ENF4992V
1
R3
10kΩ Resistor, 5%
0805
Panasonic
ERJ-6ENF1002V
1
U1
Low Voltage 150mA Linear Reg.
TSOT23-5 MPS
MP2000DJ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com