Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2355 Datasheet (PDF) - Monolithic Power Systems

MP2355 Datasheet PDF - Monolithic Power Systems
Part # MP2355
Download  MP2355 Download
File Size   190.91 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4.75V to 23V In, 3A Out Step-Down DC/DC Converter

MP2355 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2355 Datasheet PDF - Monolithic Power Systems

Part # MP2355
Download  MP2355 Click to download

File Size   190.91 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4.75V to 23V In, 3A Out Step-Down DC/DC Converter

MP2355 Datasheet (HTML) - Monolithic Power Systems


MP2355 Product details

DESCRIPTION

The MP2355 is a step-down regulator with a built in internal Power MOSFET. It achieves 3A continuous output current over a wide input supply range with excellent load and line regulation.



FEATURES

•Programmable Soft-Start

•100mΩInternal Power MOSFET Switch

• Stable with Low ESR Output Ceramic Capacitors

• Up to 95% Efficiency

• 20µA Shutdown Mode

• 3A Output Current

• Wide 4.75V to 23V Operating Input Range

• Fixed 380KHz Frequency

•Thermal Shutdown

• Cycle-by-Cycle Over Current Protection

• Under Voltage Lockout



APPLICATIONS

•Distributed Power Systems

•Battery Chargers

• Pre-Regulator for Linear Regulators




Similar Part No. - MP2355

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355DN MPS-MP2355DN Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355DN MPS-MP2355DN Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355_06 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
More results


Similar Description - MP2355

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1593DN-00A MPS-EV1593DN-00A Datasheet
257Kb / 5P
4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
EV2305DS-00A MPS-EV2305DS-00A Datasheet
208Kb / 3P
4.75V to 23V IN, 2A OUT Synchronous Buck Converter
EV2351DQ-00A MPS-EV2351DQ-00A Datasheet
205Kb / 3P
4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter
EV2354DS-00A MPS-EV2354DS-00A Datasheet
186Kb / 4P
4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
23V 3A Step-Down DC/DC Converter
AIC2566 AIC-AIC2566 Datasheet
400Kb / 13P
23V 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
logo
Fitipower Integrated Te...
FR9618 FITIPOWER-FR9618 Datasheet
1Mb / 13P
23V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com