Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7466 Datasheet (PDF) - Holtek Semiconductor Inc

HT7466 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7466
Download  HT7466 Download
File Size   1400.22 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 3A Step-Down DC to DC Converter

HT7466 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7466 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7466
Download  HT7466 Click to download

File Size   1400.22 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 3A Step-Down DC to DC Converter

HT7466 Datasheet (HTML) - Holtek Semiconductor Inc


HT7466 Product details

General Description

The HT7466 is a DC-DC buck regulator. The built in high driver NMOS provides a monolithic solution for high effciency step-down DC-DC converter. With 3A output current, the wide input voltage range and stable output voltage regulation can widely use in all kinds of application, like communication, power for high power LED, battery charger, etc. The protection function include over current and over temperature protection. The soft start function prevent inrush supply current and output overshoot when initial startup. The under voltage lockout is set to 4.1V. It prevents abnormal situation occurring.

The HT7466 requires a minimum number of standard external components and is available in a 8-pin SOP package for small area PCB application.



Feature

• Input voltage range: 4.75V to 24V

• Variable output voltage range: 1.222V to 20V

• 3A output current

• Effciency up to 91%

• Fixed 380kHz operating frequency

• 20mA shutdown current

• Internal power MOSFET switch

• Stable operation using low ESR ceramic capacitors

• Over temperature protection

• Cycle-by-cycle over current protection

• Soft-start function

• Under voltage lockout protection

• 8-pin SOP package



Applications

• Battery chargers

• Distributed power systems

• LED power supplies

• DSL modems

• Linear regulator pre power processing

• Set-Top-Boxes, DVD players, LCD displays



 




Similar Part No. - HT7466

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
More results


Similar Description - HT7466

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
23V 3A Step-Down DC/DC Converter
AIC2566 AIC-AIC2566 Datasheet
400Kb / 13P
23V 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
3A / 52kHz Step-Down DC-DC Converter
LM2596 TECHPUBLIC-LM2596_V01 Datasheet
2Mb / 8P
3A / 150kHz Step-Down DC-DC Converter
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com