Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7466 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7466
Description  3A Step-Down DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7466 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7466 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7466 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. 1.00
4
September 02, 2011
HT7466
Functional Description
Setting the Output Voltage
The HT7466 is a step down switching DC/DC
converterdevice.Thedeviceswitchingoutput,SW,is
connectedtoastandardconverterLCfiltercircuitfor
buckconversion.Theoutputcurrentissensedusing
anexternalvoltagedividernetworkconnectedtothe
loadoutputvoltageandground,andthesensevoltage
feedbacktothedeviceontheFBpin.Bycomparing
this sense voltage with an internally generated
1.222voltagereference,suitableregulationcanbe
implementedtoachievetherequiredoutputvoltage.
By selectingsuitablevalues of externalvoltage
dividerresistors,thedesiredoutputvoltagecanbe
adjustedtotherequiredlevel.Theoutputvoltagecan
becalculatedusingthefollowingformula:
R 1 + R 2
R 2
V OU T =
´ 1. 222
WhereR2istheresistordividerlowerresistorandR1
istheupperresistor,andtheR1,R2mustbekWlevel.
Compensation Components
Care must be taken when selecting external
components.TheCOMPpinistheoutputofthe
erroramplifierandmustbeproperlyconnectedtoan
externalRCnetworktoensureregulatorloopstability.
Thevaluesofthecompensationcomponentsgiven
inTable1yieldastablecontrolloopfortheoutput
voltageandcapacitorgiven.
Table1CompensationValuesforTypicalOutput
Voltage/CapacitorCombinations.
VOUT
L
R3
C4
R1
R2
C6
C5
2.5V
15mH 3.9kW 5.6nF 10.5kW 10kW 22mF Ceramic
—
3.3V
15mH 4.7kW 4.7nF 17.0kW 10kW 22mF Ceramic
—
5.0V
15mH 7.5kW 2.7nF 30.9kW 10kW 22mF Ceramic
—
Bootstrap Circuit
Inthisdevicebootstrapcapacitorisconnectedfrom
SW to BS pin, the Step-Down converter is use
N-ChannelMOSFET,andMOSsourcepinisfloating
toground,thisdrivecircuitoftheapplicationis
calledhigh-sidecircuit,andthedrivecircuitused
inthiskindofsituationiscalledbootstrapcircuit.
Largecapacitorvaluescankeepinternalhigh-side
N-ChannelMOSFETgatevoltagegreaterthanzero
whenpowerMOSisturnon;usuallya10nFcapacitor
issufficientformostapplications.
Current Limit Protection
Thedevicehasacycle-by-cyclecurrentlimitto
protecttheinternalpowerMOSFET.Iftheinductor
currentreachesthecurrentlimitthresholdof4.3A,
theMOSFEToscillatorfrequencywillbetransformed
from380kHztoashortcircuitfrequencyof35kHz
andtheoutputcurrentwillremainatitscurrentlimit
value.
Over Temperature Protection
A thermal shutdown is implemented to prevent
damageduetoexcessiveheatandpowerdissipation.
Typicallythethermalshutdownthresholdis150°C.
Thethermalshutdownistriggeredthedevicestops
switchingandwhenthedevicethermalfallsuntilthe
temperaturehysteresiswindowsthedevicewillbe
startsswitchingagain.
Application Information
Inductor
Theinductorisrequiredtosupplyaconstantcurrent
totheoutputloadwhilebeingdrivenbytheswitched
inputvoltage.Thechoiceofinductoraffectssteady
stateoperationaswellastransientbehaviorand
loopstability.Therearethreeimportantelectrical
parameters which need to be considered when
choosinganinductor:
• Theinductorvalue
• DCR-copperwireresistance
• Thesaturationcurrent
Inductor choice is especially important as it is
importanttoensuretheinductordoesnotsaturate
under its peak current conditions, the general
ruleofkeepingtheinductorcurrentpeak-to-peak
rippleapproximately30%ofthenominaloutput
current.Usingthisvalueofripplecurrentisagood
compromisebetweenexcessiveoutputvoltageripple
andexcessivecomponentsizeandcost.Alsoensure
thattheinductorhasalowDCRtominimizepower
losses.
Input/Output Capacitor
Input Capacitor
BecausetheVinpinisconnectedtotheinternalpower
MOSFET,whenthepowerMOSFETisswitchingand
theinputcurrentisdiscontinuous,thereforeaninput
capacitorC1(inPCBlayoutC1andC8isparallels
inputcapacitor)isrequiredtosupplytheACcurrent
tothestep-downconverterwhilemaintainingthe
DCinputvoltage.AlowESRceramiccapacitoris
requiredtokeepnoisetoaminimum.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com