Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2359DJ Datasheet (PDF) - Monolithic Power Systems

MP2359DJ Datasheet PDF - Monolithic Power Systems
Part # MP2359DJ
Download  MP2359DJ Download
File Size   163.54 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6

MP2359DJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2359DJ Datasheet PDF - Monolithic Power Systems

Part # MP2359DJ
Download  MP2359DJ Click to download

File Size   163.54 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6

MP2359DJ Datasheet (HTML) - Monolithic Power Systems


MP2359DJ Product details

DESCRIPTION

The MP2359 is a monolithic step-down switch mode converter with a built-in power MOSFET. It achieves 1.2A peak output current over a wide input supply range with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization. Fault condition protection includes cycle-by-cycle current limiting and thermal shutdown.



FEATURES

• 1.2A Peak Output Current

• 0.35Ω Internal Power MOSFET Switch

• Stable with Low ESR Output Ceramic Capacitors

• Up to 92% Efficiency

• 0.1µA Shutdown Mode

• Fixed 1.4MHz Frequency

• Thermal Shutdown

• Cycle-by-Cycle Over Current Protection

• Wide 4.5V to 24V Operating Input Range

• Output Adjustable from 0.81V to 15V

• Available in TSOT23-6 and SOT23-6 Packages



APPLICATIONS

•Distributed Power Systems

•Battery Charger

• Pre-Regulator for Linear Regulators

•WLED Drivers




Similar Part No. - MP2359DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2359DJ MPS-MP2359DJ Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
TECH PUBLIC Electronics...
MP2359DJ-LF-Z TECHPUBLIC-MP2359DJ-LF-Z Datasheet
6Mb / 10P
1.2A 1.4MHZ 30V PWM Sync Step Dowm DC/DC Converter
More results


Similar Description - MP2359DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP2357 MPS-MP2357 Datasheet
677Kb / 10P
0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
EV2370DJ-00A MPS-EV2370DJ-00A Datasheet
147Kb / 4P
1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com