Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD24121 Datasheet (PDF) - Unisonic Technologies

UD24121 Datasheet PDF - Unisonic Technologies
Part # UD24121
Download  UD24121 Download
File Size   228.4 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER

UD24121 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD24121 Datasheet PDF - Unisonic Technologies

Part # UD24121
Download  UD24121 Click to download

File Size   228.4 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER

UD24121 Datasheet (HTML) - Unisonic Technologies


UD24121 Product details

DESCRIPTION
The UTC UD24121 is a monolithic step-down switching mode
converter with a built-in power MOSFET. It regulates input voltages
from 4.5V to 24V down to an output voltage as low as 0.81V, and
supplies up to 1.2A of load current.
Current mode operation provides fast transient response and
eases loop stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal shutdown.
The UTC UD24121 requires a minimum number of readily
available standard external components.

FEATURES
* 1.2A Peak Output Current
* 0.35Ω Internal Power MOSFET Switch
* Stable with Low ESR Output Ceramic Capacitors
* Up to 92% Efficiency
* 0.1μA Shutdown Mode
* Fixed 1.4MHz Frequency
* Thermal Shutdown
* Cycle-by-Cycle Over Current Protection
* Wide 4.5V to 24V Operating Input Range
* Output Adjustable from 0.81V to 15V




Similar Part No. - UD24121

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD24121G-AG6-R UTC-UD24121G-AG6-R Datasheet
208Kb / 5P
Pre-Regulator for Linear Regulators
More results


Similar Description - UD24121

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com