Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8260A Datasheet (PDF) - Richtek Technology Corporation

RT8260A Datasheet PDF - Richtek Technology Corporation
Part # RT8260A
Download  RT8260A Download
File Size   197.11 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.8A, 24V, 1.4MHz Step-Down Converter

RT8260A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8260A Datasheet PDF - Richtek Technology Corporation

Part # RT8260A
Download  RT8260A Click to download

File Size   197.11 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.8A, 24V, 1.4MHz Step-Down Converter

RT8260A Datasheet (HTML) - Richtek Technology Corporation




Similar Part No. - RT8260A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8265 RICHTEK-RT8265 Datasheet
263Kb / 13P
The RT8265 is an asynchronous high voltage buck converter
RT8267 RICHTEK-RT8267 Datasheet
222Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8268 RICHTEK-RT8268 Datasheet
248Kb / 15P
2A, 24V, 400kHz Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
Adjustable Output Voltage Range : 0.92V to 15V
More results


Similar Description - RT8260A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2360DG-00B MPS-EV2360DG-00B Datasheet
156Kb / 4P
1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
1.8A, 24V, 700kHz Step-Down Converter
MP2371 MPS-MP2371 Datasheet
655Kb / 10P
1.8A, 24V, 700KHz Step-Down Converter
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com