Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8267 Datasheet (PDF) - Richtek Technology Corporation

RT8267 Datasheet PDF - Richtek Technology Corporation
Part # RT8267
Download  RT8267 Download
File Size   222.35 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 22V, 400kHz Step-Down Converter

RT8267 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8267 Datasheet PDF - Richtek Technology Corporation

Part # RT8267
Download  RT8267 Click to download

File Size   222.35 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 22V, 400kHz Step-Down Converter

RT8267 Datasheet (HTML) - Richtek Technology Corporation


RT8267 Product details

General Description
The RT8267 is an asynchronous high voltage buck converter that can support the input voltage range from 4.75V to 22V and the output current can be up to 2A. Current Mode operation provides fast transient response and eases loop stabilization.

Features
● Wide Operating Input Range : 4.75V to 22V
● Adjustable Output Voltage Range : 1.222V to 16V
● Output Current up to 2A
● 25μA Low Shutdown Current
● Power MOSFET : 0.18Ω
● High Efficiency up to 95%
● 400kHz Fixed Switching Frequency
● Stable with Low ESR Output Ceramic Capacitors
● Thermal Shutdown Protection
● Cycle-By-Cycle Over Current Protection
● RoHS Compliant and Halogen Free

Applications
● Distributive Power Systems
● Battery Charger
● DSL Modems
● Pre-regulator for Linear Regulators




Similar Part No. - RT8267

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
RT8265 RICHTEK-RT8265 Datasheet
263Kb / 13P
The RT8265 is an asynchronous high voltage buck converter
RT8268 RICHTEK-RT8268 Datasheet
248Kb / 15P
2A, 24V, 400kHz Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
Adjustable Output Voltage Range : 0.92V to 15V
More results


Similar Description - RT8267

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Silan Microelectronics ...
SD46520 SILAN-SD46520 Datasheet
505Kb / 8P
400KHZ 2A STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8256 RICHTEK-RT8256 Datasheet
216Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8268 RICHTEK-RT8268 Datasheet
248Kb / 15P
2A, 24V, 400kHz Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
2A, 22V, 1.2MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
22V Synchronous Rectified Step-Down Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com