Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8268 Datasheet (PDF) - Richtek Technology Corporation

RT8268 Datasheet PDF - Richtek Technology Corporation
Part # RT8268
Download  RT8268 Download
File Size   248.17 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 24V, 400kHz Step-Down Converter

RT8268 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8268 Datasheet PDF - Richtek Technology Corporation

Part # RT8268
Download  RT8268 Click to download

File Size   248.17 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 24V, 400kHz Step-Down Converter

RT8268 Datasheet (HTML) - Richtek Technology Corporation


RT8268 Product details

General Description
The RT8268 is a high voltage buck converter that can support the input voltage range from 4.75V to 24V and the output current can be up to 2A. Current Mode operation provides fast transient response and eases loop stabilization. The RT8268 also provides adjustable softstart to be a flexible solution for customers.

Features
● Wide Operating Input Range : 4.75V to 24V
● Adjustable Output Voltage Range : 0.92V to 16V
● Output Current up to 2A
● 22μA Low Shutdown Current
● Power MOSFET : 0.18Ω
● High Efficiency up to 95%
● 400kHz Fixed Switching Frequency
● Stable with Low ESR Output Ceramic Capacitors
● Programmable Soft-Start
● Thermal Shutdown Protection
● Cycle-By-Cycle Over Current Protection
● RoHS Compliant and Halogen Free

Applications
● Distributive Power Systems
● Battery Charger
● DSL Modems
● Pre-regulator for Linear Regulators




Similar Part No. - RT8268

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
RT8265 RICHTEK-RT8265 Datasheet
263Kb / 13P
The RT8265 is an asynchronous high voltage buck converter
RT8267 RICHTEK-RT8267 Datasheet
222Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
Adjustable Output Voltage Range : 0.92V to 15V
More results


Similar Description - RT8268

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD46520 SILAN-SD46520 Datasheet
505Kb / 8P
400KHZ 2A STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8256 RICHTEK-RT8256 Datasheet
216Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8267 RICHTEK-RT8267 Datasheet
222Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com