Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD24202 Datasheet (PDF) - Unisonic Technologies

UD24202 Datasheet PDF - Unisonic Technologies
Part # UD24202
Download  UD24202 Download
File Size   257.75 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A, 24V, 1.4MHz STEP-DOWN CONVERTER

UD24202 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD24202 Datasheet PDF - Unisonic Technologies

Part # UD24202
Download  UD24202 Click to download

File Size   257.75 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A, 24V, 1.4MHz STEP-DOWN CONVERTER

UD24202 Datasheet (HTML) - Unisonic Technologies


UD24202 Product details

DESCRIPTION
The UTC UD24202 is a monolithic step-down switching mode
converter with a built-in power MOSFET. It regulates input voltages
from 4.5V to 24V down to an output voltage as low as 0.83V, and
supplies up to 2A of load current.
Current mode operation provides fast transient response and
eases loop stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal shutdown.
The UTC UD24202 requires a minimum number of readily
available standard external components.

FEATURES
* 2A Peak Output Current
* 0.35Ω Internal Power MOSFET Switch
* Stable with Low ESR Output Ceramic Capacitors
* Up to 92% Efficiency
* 0.1μA Shutdown Mode
* Fixed 1.4MHz Frequency
* Thermal Shutdown
* Cycle-by-Cycle Over Current Protection
* Wide 4.5V to 24V Operating Input Range
* Output Adjustable from 0.83V to 5.81V




Similar Part No. - UD24202

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UD2401 UNITPOWER-UD2401 Datasheet
759Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UD2410 XINDEYI-UD2410 Datasheet
875Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24121G-AG6-R UTC-UD24121G-AG6-R Datasheet
208Kb / 5P
Pre-Regulator for Linear Regulators
UD24121G-AG6-R UTC-UD24121G-AG6-R Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Similar Description - UD24202

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
2A, 16V, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232_17 Datasheet
1Mb / 14P
2A, 38V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
2A, 23V, 1.4MHz Step-Down Converter
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com