Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2361 Datasheet (PDF) - Monolithic Power Systems

MP2361 Datasheet PDF - Monolithic Power Systems
Part # MP2361
Download  MP2361 Download
File Size   190.39 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 23V, 1.4MHz Step-Down Converter

MP2361 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2361 Datasheet PDF - Monolithic Power Systems

Part # MP2361
Download  MP2361 Click to download

File Size   190.39 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 23V, 1.4MHz Step-Down Converter

MP2361 Datasheet (HTML) - Monolithic Power Systems


MP2361 Product details

DESCRIPTION

The MP2361 is a monolithic step-down switch mode converter with a built-in internal power

MOSFET. It achieves 2A continuous output current over a wide input supply range with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization.

Fault condition protections include cycle-by-cycle current limiting and thermal shutdown. In shutdown mode the regulator draws 20µA of supply current. Programmable soft-start minimizes the inrush supply current and the output overshoot at initial startup.

The MP2361 requires a minimum number of readily available standard external components.



FEATURES

• 2A Output Current with QFN Package

• 0.18Ω Internal Power MOSFET Switch

• Stable with Low ESR Output Ceramic Capacitors

• 90% Efficiency

• 20µA Shutdown Mode

• Fixed 1.4MHz Frequency

• Thermal Shutdown

• Cycle-by-Cycle Over Current Protection

• Wide 4.75V to 23V Operating Input Range

• Output Adjustable from 0.92V to 16V

• Programmable Under Voltage Lockout

• Available in 10-pin QFN (3mm x 3mm) and Tiny MSOP Packages

•  Evaluation Board Available



APPLICATIONS

•Distributed Power Systems

•Battery Charger

•DSL Modems

• Pre-Regulator for Linear Regulators




Similar Part No. - MP2361

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2361DK MPS-MP2361DK Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
MP2361DQ MPS-MP2361DQ Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
More results


Similar Description - MP2361

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232_17 Datasheet
1Mb / 14P
2A, 38V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
2A, 23V, 1.4MHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com