Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM720MM Datasheet (PDF) - Solid States Devices, Inc

SM720MM Datasheet PDF - Solid States Devices, Inc
Part # SM720MM
Download  SM720MM Download
File Size   815.79 Kbytes
Page   4 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 70 mA, 35 VOLTS HIGH RELIABILITY ELECTRONIC PROTECTION ARRAY for ESD and OVERVOLTAGE PROTECTION

SM720MM Datasheet (PDF)

Go To PDF Page Download Datasheet
SM720MM Datasheet PDF - Solid States Devices, Inc

Part # SM720MM
Download  SM720MM Click to download

File Size   815.79 Kbytes
Page   4 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 70 mA, 35 VOLTS HIGH RELIABILITY ELECTRONIC PROTECTION ARRAY for ESD and OVERVOLTAGE PROTECTION

SM720MM Datasheet (HTML) - Solid States Devices, Inc


SM720MM Product details

FEATURES:
• MIL-M-38510 Compliant
• Military Temperature Range -55 to +125 °C
• An Array of 14 SCR/Diode Pairs
• ESD Interface Capability for HBM Standards: 6kV (MIL-STD-3015.7)
• High Peak Surge Capability ±5A (4µs Single Pulse)
• High Reliability Hermetic Ceramic Packages
• Provides Over-Voltage Protection +30V (Single Ended Voltage Range)
• Fast Switching- 2ns Risetime
• No Thermal Fatigue
• Low Input Leakage Current- 1nA
• Low Input Capacitance- 3pF Typical
• Class B and Class S Screening Available 2/
• Replacement for SP720MD, MM




Similar Part No. - SM720MM

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM7205 LINKAGE-SM7205 Datasheet
2Mb / 7P
Program-controlled constant power switch
More results


Similar Description - SM720MM

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP720AP LITTELFUSE-SP720AP Datasheet
102Kb / 6P
TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
SP724AHT LITTELFUSE-SP724AHT Datasheet
154Kb / 6P
TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
SP724AHTP LITTELFUSE-SP724AHTP Datasheet
586Kb / 6P
SCR Diode Array for ESD and Transient Overvoltage Protection
logo
Unisonic Technologies
USP720 UTC-USP720 Datasheet
133Kb / 5P
ELECTRONIC PROTECTION ARRAY FOR ESD
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
Overvoltage, Overtemperature, ESD -Protection
logo
AMAZING Microelectronic...
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com