Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP721 Datasheet (PDF) - Littelfuse

SP721 Datasheet PDF - Littelfuse
Part # SP721
Download  SP721 Download
File Size   97.25 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Electronic Protection Array for ESD and Overvoltage Protection

SP721 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP721 Datasheet PDF - Littelfuse

Part # SP721
Download  SP721 Click to download

File Size   97.25 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Electronic Protection Array for ESD and Overvoltage Protection

SP721 Datasheet (HTML) - Littelfuse


SP721 Product details

The SP721 is an array of SCR/Diode bipolar structures for ESD and over-voltage protection to sensitive input circuits. The SP721 has 2 protection SCR/Diode device structures per input. There are a total of 6 available inputs that can be used to protect up to 6 external signal or bus lines. Over-voltage protection is from the IN (Pins 1 - 3 and Pins 5 - 7) to V+ or V-.
The SCR structures are designed for fast triggering at a threshold of one +VBE diode threshold above V+ (Pin 8) or a -VBE diode threshold below V- (Pin 4). From an IN input, a clamp to V+ is activated if a transient pulse causes the input to be increased to a voltage level greater than one VBE above V+. A similar clamp to V- is activated if a negative pulse, one VBE less than V-, is applied to an IN input.

Features
• ESD Interface Capability for HBM Standards
   - MIL STD 3015.7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15kV
   - IEC 61000-4-2, Direct Discharge,
   - Single Input. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV (Level 2)
   - Two Inputs in Parallel . . . . . . . . . . . . . . . . . . . . . . . . . . 8kV (Level 4)
   - IEC 61000-4-2, Air Discharge . . . . . . . . . . . . . . . . . . 15kV (Level 4)
• High Peak Current Capability
   - IEC 61000-4-5 (8/20µs). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3A
   - Single Pulse, 100µs Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . ±2A
   - Single Pulse, 4µs Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . ±5A
• Designed to Provide Over-Voltage Protection
   - Single-Ended Voltage Range to . . . . . . . . . . . . . . . . . . . . . . . . +30V
   - Differential Voltage Range to. . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
• Fast Switching . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2ns Rise Time
• Low Input Leakages . . . . . . . . . . . . . . . . . . . . . . . . 1nA at 25°C Typical
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3pF Typical
• An Array of 6 SCR/Diode Pairs
• Operating Temperature Range . . . . . . . . . . . . . . . . . . . . -40°C to 105°C

Applications
• Microprocessor/Logic Input Protection
• Data Bus Protection
• Analog Device Input Protection
• Voltage Clamp




Similar Part No. - SP721

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Polyfet RF Devices
SP721 POLYFET-SP721 Datasheet
60Kb / 2P
RF POWER VDMOS TRANSISTOR
logo
Harris Corporation
SP721AB HARRIS-SP721AB Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP721ABG LITTELFUSE-SP721ABG Datasheet
689Kb / 6P
SP721 Series 3pF 4kV Diode Array
SP721ABP LITTELFUSE-SP721ABP Datasheet
689Kb / 6P
SP721 Series 3pF 4kV Diode Array
More results


Similar Description - SP721

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP720AP LITTELFUSE-SP720AP Datasheet
102Kb / 6P
TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
SP724AHT LITTELFUSE-SP724AHT Datasheet
154Kb / 6P
TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
logo
Solid States Devices, I...
SM720MD SSDI-SM720MD Datasheet
815Kb / 4P
70 mA, 35 VOLTS HIGH RELIABILITY ELECTRONIC PROTECTION ARRAY for ESD and OVERVOLTAGE PROTECTION
logo
Littelfuse
SP724AHTP LITTELFUSE-SP724AHTP Datasheet
586Kb / 6P
SCR Diode Array for ESD and Transient Overvoltage Protection
logo
Unisonic Technologies
USP720 UTC-USP720 Datasheet
133Kb / 5P
ELECTRONIC PROTECTION ARRAY FOR ESD
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
Overvoltage, Overtemperature, ESD -Protection
logo
AMAZING Microelectronic...
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com