Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP721 Datasheet(PDF) 1 Page - Littelfuse

Part # SP721
Description  Electronic Protection Array for ESD and Overvoltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP721 Datasheet(HTML) 1 Page - Littelfuse

  SP721 Datasheet HTML 1Page - Littelfuse SP721 Datasheet HTML 2Page - Littelfuse SP721 Datasheet HTML 3Page - Littelfuse SP721 Datasheet HTML 4Page - Littelfuse SP721 Datasheet HTML 5Page - Littelfuse SP721 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
234
www .littelfuse .com
TVS Diode Arrays
Electronic Protection Array for ESD and Overvoltage Protection
SP721
The SP721 is an array of SCR/Diode bipolar structures for ESD and
over-voltage protection to sensitive input circuits. The SP721 has 2
protection SCR/Diode device structures per input. There are a total of
6 available inputs that can be used to protect up to 6 external signal or
bus lines. Over-voltage protection is from the IN (Pins 1 - 3 and Pins
5 - 7) to V+ or V-.
The SCR structures are designed for fast triggering at a threshold of one
+VBE diode threshold above V+ (Pin 8) or a -VBE diode threshold below
V- (Pin 4). From an IN input, a clamp to V+ is activated if a transient
pulse causes the input to be increased to a voltage level greater than
one VBE above V+. A similar clamp to V- is activated if a negative pulse,
one VBE less than V-, is applied to an IN input. Standard ESD Human
Body Model (HBM) Capability is:
Features
• ESD Interface Capability for HBM Standards
- MIL STD 3015.7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15kV
- IEC 61000-4-2, Direct Discharge,
- Single Input. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV (Level 2)
- Two Inputs in Parallel . . . . . . . . . . . . . . . . . . . . . . . . . . 8kV (Level 4)
- IEC 61000-4-2, Air Discharge . . . . . . . . . . . . . . . . . . 15kV (Level 4)
• High Peak Current Capability
- IEC 61000-4-5 (8/20µs). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3A
- Single Pulse, 100µs Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . ±2A
- Single Pulse, 4µs Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . ±5A
• Designed to Provide Over-Voltage Protection
- Single-Ended Voltage Range to . . . . . . . . . . . . . . . . . . . . . . . . +30V
- Differential Voltage Range to. . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
• Fast Switching . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2ns Rise Time
• Low Input Leakages . . . . . . . . . . . . . . . . . . . . . . . . 1nA at 25oC Typical
• Low Input Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3pF Typical
• An Array of 6 SCR/Diode Pairs
• Operating Temperature Range . . . . . . . . . . . . . . . . . . . . -40oC to 105oC
Applications
• Microprocessor/Logic Input Protection
• Data Bus Protection
• Analog Device Input Protection
• Voltage Clamp
Functional Block Diagram
4
V+
V-
IN
3, 5-7
IN
IN
1
8
2
Refer to Figure 1 and Table 1 for further detail. Refer to Application
Notes AN9304 and AN9612 for additional information.
Pinout
SP721 (PDIP, SOIC)
TOP VIEW
HBM
STANDARD
MODE
R
C
ESD (V)
IEC 61000-4-2
Air
330Ω
150pF
>15kV
Direct
330Ω
150pF
>4kV
Direct, Dual Pins
330Ω
150pF
>8kV
MIL-STD-3015.7
Direct, In-Circuit
1.5kΩ
100pF
>15kV
Ordering Information
PART NO.
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
Min.
Order
SP721AP
-40 to 105
8 Ld PDIP
E8.3
2000
1960
2500
SP721AB
-40 to 105
8 Ld SOIC
M8.15
SP721ABT
-40 to 105
8 Ld SOIC
Tape and Reel
M8.15
IN
IN
IN
V-
1
2
3
4
8
7
6
5
V+
IN
IN
IN


Similar Part No. - SP721

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Polyfet RF Devices
SP721 POLYFET-SP721 Datasheet
60Kb / 2P
RF POWER VDMOS TRANSISTOR
logo
Harris Corporation
SP721AB HARRIS-SP721AB Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP721ABG LITTELFUSE-SP721ABG Datasheet
689Kb / 6P
SP721 Series 3pF 4kV Diode Array
SP721ABP LITTELFUSE-SP721ABP Datasheet
689Kb / 6P
SP721 Series 3pF 4kV Diode Array
More results

Similar Description - SP721

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP720AP LITTELFUSE-SP720AP Datasheet
102Kb / 6P
TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
SP724AHT LITTELFUSE-SP724AHT Datasheet
154Kb / 6P
TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
logo
Solid States Devices, I...
SM720MD SSDI-SM720MD Datasheet
815Kb / 4P
70 mA, 35 VOLTS HIGH RELIABILITY ELECTRONIC PROTECTION ARRAY for ESD and OVERVOLTAGE PROTECTION
logo
Littelfuse
SP724AHTP LITTELFUSE-SP724AHTP Datasheet
586Kb / 6P
SCR Diode Array for ESD and Transient Overvoltage Protection
logo
Unisonic Technologies
USP720 UTC-USP720 Datasheet
133Kb / 5P
ELECTRONIC PROTECTION ARRAY FOR ESD
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
Overvoltage, Overtemperature, ESD -Protection
logo
AMAZING Microelectronic...
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com