Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1522EQ Datasheet (PDF) - Monolithic Power Systems

MP1522EQ Datasheet PDF - Monolithic Power Systems
Part # MP1522EQ
Download  MP1522EQ Download
File Size   202.08 Kbytes
Page   7 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 25V Step-Up Converter in a SOT23-5 Package

MP1522EQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1522EQ Datasheet PDF - Monolithic Power Systems

Part # MP1522EQ
Download  MP1522EQ Click to download

File Size   202.08 Kbytes
Page   7 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 25V Step-Up Converter in a SOT23-5 Package

MP1522EQ Datasheet (HTML) - Monolithic Power Systems


MP1522EQ Product details

DESCRIPTION
The MP1522 is a step up converter that generates up to a 25V output voltage from a 2.7V to 25V input. It uses a current limited Variable Frequency control algorithm to optimize efficiency and minimize external component size and cost. The internal 0.5Ω N-Channel MOSFET switch can withstand up to 28V allowing the MP1522 to produce high output voltage with high efficiency.

FEATURES
• Internal 0.5Ω Power Switch
• Output Voltage up to 25V
• Up to 90% Efficiency
• Low 1µA Shutdown Current
• Input Under Voltage Protection
• Thermal Shutdown
• Internal Current Limit
• Available in Tiny 5-Pin SOT23 and 6-Pin 3x3 QFN Packages

APPLICATIONS
• Handheld Computers, PDAs
• Cell Phones
• Digital Still and Video Cameras
• Small LCD Displays




Similar Part No. - MP1522EQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1522ET MPS-MP1522ET Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
More results


Similar Description - MP1522EQ

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
SOT23-5 PWM Step-up DC/DC Converter?
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
WHITE LED STEP-UP CONVERTER IN SOT23
logo
Monolithic Power System...
EV1517DR-00A MPS-EV1517DR-00A Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1517 MPS-MP1517 Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
MP1522 MPS-MP1522_06 Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com