Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1517 Datasheet (PDF) - Monolithic Power Systems

MP1517 Datasheet PDF - Monolithic Power Systems
Part # MP1517
Download  MP1517 Download
File Size   316.92 Kbytes
Page   13 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 25V, 1.1MHz Step-Up Converter

MP1517 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1517 Datasheet PDF - Monolithic Power Systems

Part # MP1517
Download  MP1517 Click to download

File Size   316.92 Kbytes
Page   13 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 25V, 1.1MHz Step-Up Converter

MP1517 Datasheet (HTML) - Monolithic Power Systems


MP1517 Product details

DESCRIPTION

The MP1517 is a 3A, fixed frequency step-up converter ideal for medium-to-high current step-up, flyback and SEPIC applications. The high 1.1MHz switching frequency allows for smaller external components producing a compact solution for size constrained cameras, PDAs and cell phones. The low 0.7V feedback voltage offers higher efficiency in white LED driver applications including cell phone camera flash.



FEATURES

• 4A Peak Current Limit

• Low 700mV Feedback Threshold

• Internal 150mΩ Power Switch

• Input Range of 2.6V to 25V

• Up to 95% Efficiency

• Zero Current Shutdown Mode

• Under Voltage Lockout Protection

• Open Load Protection

• Soft-Start Operation

• Thermal Shutdown

• Tiny 4mm x 4mm 16-Pin QFN Package



APPLICATIONS

• Boost and SEPIC Regulators

• Handheld Computers

• Cell Phone Camera Flash, PDAs

• Digital Still and Video Cameras




Similar Part No. - MP1517

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1517 MPS-MP1517 Datasheet
198Kb / 3P
3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
MP1517DR MPS-MP1517DR Datasheet
198Kb / 3P
3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
MP1517DR MPS-MP1517DR Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1517DR MPS-MP1517DR Datasheet
180Kb / 4P
3.3V, 1A Sepic Evaluation Board
More results


Similar Description - MP1517

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0043 MPS-EV0043 Datasheet
198Kb / 3P
3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
EV1517DR-00A MPS-EV1517DR-00A Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1522 MPS-MP1522 Datasheet
202Kb / 7P
25V Step-Up Converter in a SOT23-5 Package
MP1522 MPS-MP1522_06 Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
2A, 21V, 1.1MHz Synchronous Step-down Converter
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28275 MPS-MP28275 Datasheet
407Kb / 14P
7V, 5A, 1.1MHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
logo
Richtek Technology Corp...
RTQ9297-QT RICHTEK-RTQ9297-QT Datasheet
241Kb / 13P
3A High Performance Step-Up DC-DC Converter
August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com