Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1517 Datasheet (PDF) - Monolithic Power Systems

MP1517 Datasheet PDF - Monolithic Power Systems
Part # MP1517
Download  MP1517 Download
File Size   198.13 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 25V, 1.1MHz Step-Up Converter for WLED Applications

MP1517 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1517 Datasheet PDF - Monolithic Power Systems

Part # MP1517
Download  MP1517 Click to download

File Size   198.13 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 25V, 1.1MHz Step-Up Converter for WLED Applications

MP1517 Datasheet (HTML) - Monolithic Power Systems


MP1517 Product details

DESCRIPTION
The EV1517 is the evaluation board used to demonstrate the white LED driver capabilities of the MP1517. The low 0.7V feedback voltage offers higher efficiency in white LED driver applications including cell phone camera flash. Soft-start, cycle-by-cycle current limiting and input under voltage lockout prevent overstressing or damage to sensitive external circuitry at startup and output short-circuit conditions. Current-mode regulation and external compensation components allow the MP1517 control loop to be optimized over a wide variety of input voltages, output voltages and load current conditions.

FEATURES
• 4A Peak Current Limit
• Low 700mV Feedback Threshold
• Internal 150mΩ Power Switch
• Input Range of 2.6V to 25V
• 95% Efficiency
• Zero Current Shutdown Mode
• Under Voltage Lockout Protection
• Open Load Protection
• Soft-Start Operation
• Thermal Shutdown
• Tiny QFN16 (4mm x 4mm) Package

APPLICATIONS
• Boost and SEPIC Regulators
• Handheld Computers
• Cell Phone Camera Flash, PDAs
• Digital Still and Video Cameras




Similar Part No. - MP1517

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1517 MPS-MP1517 Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
MP1517DR MPS-MP1517DR Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1517DR MPS-MP1517DR Datasheet
180Kb / 4P
3.3V, 1A Sepic Evaluation Board
MP1517DR MPS-MP1517DR Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
More results


Similar Description - MP1517

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
logo
Monolithic Power System...
EV1517DR-00A MPS-EV1517DR-00A Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1517 MPS-MP1517 Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
logo
National Semiconductor ...
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
Step-Up Converter for White LED Applications
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969 Datasheet
2Mb / 15P
Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969 MAXIM-MAX8969_12 Datasheet
1Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
Texas Instruments
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
logo
Maxim Integrated Produc...
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
Step-Up Converter for Handheld Applications
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com