Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1517 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1517
Description  3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1517 Datasheet HTML 1Page - Monolithic Power Systems MP1517 Datasheet HTML 2Page - Monolithic Power Systems MP1517 Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EV0043 (MP1517) – 3A, 25V, 1.1MHz STEP-UP CONVERTER FOR WLED APPLICATIONS
EVALUATION BOARD
EV0043 (MP1517) Rev. 1.1
www.MonolithicPower.com
2
2/17/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
Q1
NMOS
ZXMN6A08E6TA
LED4
LED3
LED2
LED1
MP1517
EN
BP
NC
COMP
SW
SW
PGND
PGND
SGND NC
SS FB
IN
OLS NC SGND
C4
OPEN
C2
OPEN
D1
MBR0540
GATE
SS
IN
OUT
C7
47nF
U1
GND
EN
EV0043_S01
EV0043 BILL OF MATERIALS
Qty
Ref
Value Description
Package Manufacturer P/N
Distributor P/N
1
C1
4.7uF
Capacitor, 25V,
Ceramic X5R
1210
Panasonic
ECJ-4YB1E475K
Digikey
PCC2251CT-ND
2
C2, C4
NS
Do Not Stuff
1
C3
10uF
Capacitor, 6.3V
Ceramic X5R
1210
Taiyo-Yuden
JMK325BJ106MF
1
C7
47nF
Capacitor, 25V,
Ceramic X7R
0603
Panasonic
ECJ-1VB1E473K
Digikey
PCC1771CT-ND
1
D1
Schottky Diode,
0.5A, 40V
SOD123
ON Semi
MBR0540T1
Digikey
MBR0540T1OSCT-ND
1
L1
4.7uH Inductor, 5.6A
Sumida
CDRH8D43-4R7NC
4
LED1, LED2,
LED3, LED4
White LED, 40MCD
1206
Lumex
SML-LX23UWC-TR
Digikey
67-1607-1-ND
1
Q1
N-Channel MOSFET
SOT23-6
Zetex
ZXMN6A08E6TA
Digikey
ZXMN6A08E6CT-ND
1
R1
2.2kΩ Film Resistor, 5%
0603
Panasonic
ERJ-3GEYJ222V
Digikey
P2.2KGCT-ND
2
R2, R3
0
Film Resistor, 5%
0603
Yageo
9C06032A0R00JLHFT
Digikey
311-0.0GCT-ND
1
R4
34.8Ω Film Resistor, 1%
0805
Panasonic
ERJ-6ENF34R8V
Digikey
P34.8CCT-ND
1
R5
5.11Ω Film Resistor, 1%
0805
Yageo
9C08052A5R11FGHFT
Digikey
311-5.11CCT-ND
1
U1
Step-Up Converter
QFN16
MPS
MP1517DR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com