Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7169 Datasheet (PDF) - Microsemi Corporation

LX7169 Datasheet PDF - Microsemi Corporation
Part # LX7169
Download  LX7169 Download
File Size   511.65 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3A Step-Down Converter

LX7169 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX7169 Datasheet PDF - Microsemi Corporation

Part # LX7169
Download  LX7169 Click to download

File Size   511.65 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3A Step-Down Converter

LX7169 Datasheet (HTML) - Microsemi Corporation


LX7169 Product details

KEY FEATURES
3A Step-down Regulator
Operational Input Supply Voltage
Range: 3V-5.5V
Integrated PMOS and NMOS
Load Current from zero to 3A
3MHz Switching Frequency
Input UVLO Protection
Enable Pin
Power Good
Internal Soft-start
Cycle-by-Cycle Over Current
Protection
Hiccup Mode Operation Under
OCP
RoHS Compliant for Pb Free

APPLICATIONS
HDD
Set-Top Box
LCD TV’s
Notebook/Netbook
Routers
Video Cards
PC Peripherals
PoE Powered Devices




Similar Part No. - LX7169

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7165 MICROSEMI-LX7165 Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-01CSP MICROSEMI-LX7165-01CSP Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-01CSP-TR MICROSEMI-LX7165-01CSP-TR Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-02CSP MICROSEMI-LX7165-02CSP Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-02CSP-TR MICROSEMI-LX7165-02CSP-TR Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
More results


Similar Description - LX7169

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
3A STEP-DOWN PWM CONVERTER
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
3A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
3A, 24V, 1.2MHz Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
logo
Unisonic Technologies
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Analog Intergrations Co...
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
3A STEP-DOWN PWM CONVERTER
logo
Eutech Microelectronics...
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
3A, Synchronous Step-Down Converter
logo
Monolithic Power System...
EV0015 MPS-EV0015 Datasheet
211Kb / 4P
3A MP1583 Step Down Converter
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com