Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8272 Datasheet (PDF) - Richtek Technology Corporation

RT8272 Datasheet PDF - Richtek Technology Corporation
Part # RT8272
Download  RT8272 Download
File Size   193.87 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 24V, 1.2MHz Step-Down Converter

RT8272 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8272 Datasheet PDF - Richtek Technology Corporation

Part # RT8272
Download  RT8272 Click to download

File Size   193.87 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 24V, 1.2MHz Step-Down Converter

RT8272 Datasheet (HTML) - Richtek Technology Corporation


RT8272 Product details

General Description
The RT8272 is a high voltage buck converter that can support the input voltage range from 4.75V to 24V and the output current can be up to 3A. Current Mode operation provides fast transient response and eases loop stabilization.

Features
• Wide Operating Input Range : 4.75V to 24V
• Adjustable Output Voltage Range : 0.92V to 15V
• Output Current up to 3A
• 25μA Low Shutdown Current
• Power MOSFET : 0.1Ω
• High Efficiency up to 95%
• 1.2MHz Fixed Switching Frequency
• Stable with Low ESR Output Ceramic Capacitors
• Thermal Shutdown Protection
• Cycle-By-Cycle Over Current Protection
• RoHS Compliant and Halogen Free

Applications
• Distributive Power Systems
• Battery Charger
• DSL Modems
• Pre-regulator for Linear Regulators




Similar Part No. - RT8272

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
2A, 22V, 1.2MHz Step-Down Converter
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8274 RICHTEK-RT8274 Datasheet
198Kb / 12P
The RT8274 is a high voltage buck converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
More results


Similar Description - RT8272

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com