Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7256B Datasheet (PDF) - Richtek Technology Corporation

RT7256B Datasheet PDF - Richtek Technology Corporation
Part # RT7256B
Download  RT7256B Download
File Size   224.78 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 17V, 1.2MHz Synchronous Step-Down Converter

RT7256B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7256B Datasheet PDF - Richtek Technology Corporation

Part # RT7256B
Download  RT7256B Click to download

File Size   224.78 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 17V, 1.2MHz Synchronous Step-Down Converter

RT7256B Datasheet (HTML) - Richtek Technology Corporation


RT7256B Product details

General Description
The RT7256B is a high efficiency, monolithic synchronous step-down DC/DC converter that can deliver up to 3A output current from a 4.5V to 17V input supply. The RT7256Bs current mode architecture and internal compensation allow the transient response to be optimized over a wide input range and loads.

Features
• ±1.5% High Accuracy Reference Voltage
• 4.5V to 17V Input Voltage Range
• 3A Output Current
• Integrated N-MOSFET Switches
• Current Mode Control
• Fixed Frequency Operation : 1.2MHz
• Output Adjustable from 0.8V to 12V
• Up to 95% Efficiency
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
• Output Under Voltage Protection
• Thermal Shutdown Protection
• RoHS Compliant and Halogen Free

Applications
• Wireless AP/Router
• Set-Top-Box
• Industrial and Commercial Low Power Systems
• LCD Monitors and TVs
• Green Electronics/Appliances
• Point of Load Regulation of High-Performance DSPs




Similar Part No. - RT7256B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7250B RICHTEK-RT7250B Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7250BZSP RICHTEK-RT7250BZSP Datasheet
740Kb / 10P
RT7250BZSP Evaluation Board
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7251B RICHTEK-RT7251B Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
More results


Similar Description - RT7256B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
3A, 17V, 340kHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9888A FITIPOWER-FR9888A Datasheet
1Mb / 13P
21V, 3A, 1.2MHz Synchronous Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
3A, 17V, 340kHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com