Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7250BZSP Datasheet (PDF) - Richtek Technology Corporation

RT7250BZSP Datasheet PDF - Richtek Technology Corporation
Part # RT7250BZSP
Download  RT7250BZSP Download
File Size   740.52 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description RT7250BZSP Evaluation Board

RT7250BZSP Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7250BZSP Datasheet PDF - Richtek Technology Corporation

Part # RT7250BZSP
Download  RT7250BZSP Click to download

File Size   740.52 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description RT7250BZSP Evaluation Board

RT7250BZSP Datasheet (HTML) - Richtek Technology Corporation


RT7250BZSP Product details

General Description
The RT7250A/B is a high efficiency, monolithic synchronous step-down DC/DC converter that can operate at 340kHz/800kHz, while delivering up to 2A output current from a 4V to 17V input supply.

Features
• 4V to 17V Input Voltage Range
• 2A Output Current
• Internal N-MOSFETs
• Current Mode Control
• Fixed Frequency Operation : 340kHz/800kHz
• Output Adjustable from 0.8V to 12V
• Up to 95% Efficiency
• Internal Compensation
• Stable with Low ESR Ceramic Output Capacitors
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
• Output Under Voltage Protection
• Output Over Voltage Protection
• Power Good Indicator
• Thermal Shutdown Protection
• RoHS Compliant and Halogen Free

Applications
• Industrial and Commercial Low Power Systems
• Computer Peripherals
• LCD Monitors and TVs
• Green Electronics/Appliances
• Point of Load Regulation for High-Performance DSPs, FPGAs, and ASICs




Similar Part No. - RT7250BZSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7250B RICHTEK-RT7250B Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
More results


Similar Description - RT7250BZSP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com