Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7165 Datasheet (PDF) - Microsemi Corporation

LX7165 Datasheet PDF - Microsemi Corporation
Part # LX7165
Download  LX7165 Download
File Size   1454.41 Kbytes
Page   24 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C

LX7165 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX7165 Datasheet PDF - Microsemi Corporation

Part # LX7165
Download  LX7165 Click to download

File Size   1454.41 Kbytes
Page   24 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C

LX7165 Datasheet (HTML) - Microsemi Corporation


LX7165 Product details

Description
The LX7165 is a digitally controlled step‐down regulator
IC with an integrated 40mΩ high‐side P‐channel
MOSFET and a 14mΩ low‐side N‐channel MOSFET. It
features Microsemi’s proprietary constant‐frequency
hysteretic control engine for near‐instantaneous
correction to line/load transients. It does not require
high‐ESR output capacitors and incorporates energysaving
“PSM” (Power Save or Pulse Skip Mode) at light
loads, to extend battery life in mobile applications.
The LX7165 has an I2C serial interface port for output
voltage margining and monitoring if required (it can
also operate in default mode). In addition it includes
robust fault monitoring functions.
The LX7165 will operate from 3V to 5.5V, and is readily
available in 4 fixed output voltage options: 0.8, 0.9V,
0.95V, and 0.97V (no voltage divider is necessary). After
start up, the reference voltage can be adjusted with I2C
with a resolution 4.7mV between 0.6V and 1.2V. The
output voltage can also be adjusted with an external
voltage divider up to 3.3V.

Features
 Constant Frequency Hysteretic Control
 Extremely Fast Line/Load Transient Response
 I2C for Output Adjustment (3.4Mbps)
 1.875 MHz Switching Frequency
 Extremely Low‐RDSON MOSFETS
 Input Voltage Rail 3.3V to 5V
 Greater than 5A Output Current
 I2C Selectable Power Save Mode for Light‐Load
Efficiency
 UVLO, OVP, OCP
 0°C to +85°C Ambient Temperature
 Available in WLCSP‐20 (0.4mm pitch)
 RoHS Compliant

Applications
 High Performance HDD
 Notebooks/Netbooks/Tablets/Slates




Similar Part No. - LX7165

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
LX7167CLD MICROSEMI-LX7167CLD Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
LX7167CLD-TR MICROSEMI-LX7167CLD-TR Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
LX7169CLD MICROSEMI-LX7169CLD Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
More results


Similar Description - LX7165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
5A Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
5A Adjustable Frequency Synchronous Buck Regulator
logo
Kinetic Technologies.
KTB8371 KINETIC-KTB8371 Datasheet
1Mb / 21P
4.7V to 17V Input, 5A Synchronous Buck Regulator with I2C Interface
January 2021 - Revision 04a
logo
Renesas Technology Corp
RAA808015A RENESAS-RAA808015A Datasheet
1Mb / 25P
2.7V to 5.5V Input, 5A Synchronous Buck Regulators
Mar 2, 2023
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com