Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7167 Datasheet (PDF) - Microsemi Corporation

LX7167 Datasheet PDF - Microsemi Corporation
Part # LX7167
Download  LX7167 Download
File Size   580.93 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3MHz, 2.4A Step Down Converter

LX7167 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX7167 Datasheet PDF - Microsemi Corporation

Part # LX7167
Download  LX7167 Click to download

File Size   580.93 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3MHz, 2.4A Step Down Converter

LX7167 Datasheet (HTML) - Microsemi Corporation


LX7167 Product details

Description
LX7167 is a step-down PWM Switching Regulator
IC with integrated high side P-CH and low side NCH
MOSFETs. The IC operates using a hysteretic
control topology with a full load operating switching
frequency of 3MHz allowing small output filter
components while maintaining excellent dynamic
load response.
The operational input voltage range of LX7167 is
from 3V to 5.5V. The part has a Power Save Mode
(PSM) that automatically transitions between PWM
and PSM mode depending on the load current. This
allows the converter’s efficiency to remain high
when load current drops. There is a Power Good
function to indicate the status of the IC.
In the shutdown mode, the IC’s current consumption
is reduced to less than 1μA and the output capacitor
is discharged.
Other features of the part are: a) Cycle-by-cycle
current limit followed by HICCUP mode which
reduces the overall power dissipation of the internal
MOSFETs, b) thermal protection and internal digital
soft start.
The LX7167 is available in a 2mm x 2mm 8 pin
exposed pad DFN package.

Features
 2.4A Step-down Regulator
 Operational Input Supply Voltage Range:
3V-5.5V
 Integrated PMOS and NMOS
 Load Current from Zero to 2.4A
 3MHz Switching Frequency
 SKIP Pulse to Improve Light Load
Efficiency
 Input UVLO and OV Protection
 Enable Pin
 Power Good
 Internal Soft-start
 Cycle-by-Cycle Over Current Protection
 Hiccup Mode Operation Under FB UVLO
 RoHS Compliant for Pb Free

Applications
 HDD
 Set-Top Box
 LCD TV’s
 Notebook/Netbook
 Routers
 Video Cards
 PC Peripherals
 PoE Powered Devices Smart Phone




Similar Part No. - LX7167

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7165 MICROSEMI-LX7165 Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-01CSP MICROSEMI-LX7165-01CSP Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-01CSP-TR MICROSEMI-LX7165-01CSP-TR Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-02CSP MICROSEMI-LX7165-02CSP Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
LX7165-02CSP-TR MICROSEMI-LX7165-02CSP-TR Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
More results


Similar Description - LX7167

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1149 ANALOGICTECH-AAT1149_08 Datasheet
1Mb / 21P
3MHz Fast Transient 400mA Step-Down Converter
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
3MHz 1A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
E-CMOS Corporation
EC3278 E-CMOS-EC3278 Datasheet
966Kb / 11P
2.4A/32V Synchronous Rectified Step-Down Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
TECHCODE SEMICONDUCTOR,...
TD2778 TECHCODE-TD2778 Datasheet
906Kb / 13P
2.4A 32V Synchronous Rectified Step-Down Converter
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com