Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8048 Datasheet (PDF) - Richtek Technology Corporation

RT8048 Datasheet PDF - Richtek Technology Corporation
Part # RT8048
Download  RT8048 Download
File Size   162.62 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3MHz 1A Step-Down Converter

RT8048 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8048 Datasheet PDF - Richtek Technology Corporation

Part # RT8048
Download  RT8048 Click to download

File Size   162.62 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3MHz 1A Step-Down Converter

RT8048 Datasheet (HTML) - Richtek Technology Corporation


RT8048 Product details

General Description
The RT8048 is a high-efficiency Pulse-Width-Modulated (PWM) step-down DC/DC converter. Capable of delivering 1A output current over a wide input voltage range from 2.5V to 5.5V, the RT8048 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion battery or from other power sources such as cellular phones, PDAs and hand-held devices.

Features
• 2.5V to 5.5V Input Range
• 3MHz Fix-Frequency PWM Operation
• 1A Output Current
• 90% Efficiency
• No Schottky Diode Required
• 0.6V Reference Allows Low Output Voltage
• Low Dropout Operation : 100% Duty Cycle
• RoHS Compliant and Halogen Free

Applications
• Portable Instruments
• Microprocessors and DSP Core supplies
• Cellular Phones
• Wireless and DSL Modems
• PC Cards




Similar Part No. - RT8048

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
3A, 4MHz, Synchronous Step-Down Regulator
More results


Similar Description - RT8048

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1149 ANALOGICTECH-AAT1149_08 Datasheet
1Mb / 21P
3MHz Fast Transient 400mA Step-Down Converter
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
3MHz, 1A Step-Down DC-DC Converter
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
3MHz 1A Step-Down Converter
logo
Monolithic Power System...
MP2128 MPS-MP2128 Datasheet
330Kb / 8P
2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com