Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR23 Datasheet (PDF) - Monolithic Power Systems

SR23 Datasheet PDF - Monolithic Power Systems
Part # SR23
Download  SR23 Download
File Size   253.01 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 380 KHz Step-Down Converter

SR23 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR23 Datasheet PDF - Monolithic Power Systems

Part # SR23
Download  SR23 Click to download

File Size   253.01 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 380 KHz Step-Down Converter

SR23 Datasheet (HTML) - Monolithic Power Systems


SR23 Product details

DESCRIPTION
The MP1580 is a monolithic step-down switch mode converter with a built in internal power MOSFET. It achieves 2A continuous output current over a wide input supply range with excellent load and line regulation.

FEATURES
• 2A Output Current
• 0.18Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic Capacitors
• Up to 95% Efficiency
• 23µA Shutdown Mode
• Fixed 380KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75 to 25V Operating Input Range
• Output Adjustable from 1.22V to 21V
• Programmable Under Voltage Lockout
• Frequency Synchronization Input
• Available in an 8-Pin SO Package

APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators




Similar Part No. - SR23

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR23 MOSPEC-SR23 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Pan Jit International I...
SR23 PANJIT-SR23 Datasheet
58Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Monolithic Power System...
SR23 MPS-SR23 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Won-Top Electronics
SR23 WTE-SR23 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SR23 PANJIT-SR23 Datasheet
39Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR23

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC2596M GTM-GSC2596M Datasheet
648Kb / 6P
150 KHz, 2A PWM Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
logo
Eorex Corporation
EP3102 EOREX-EP3102 Datasheet
345Kb / 10P
150 KHz, 2A Asynchronous Step-down Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
Eorex Corporation
EP3102 EOREX-EP3102_15 Datasheet
350Kb / 10P
150 KHz, 2A Asynchronous Step-down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com