Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2101 Datasheet (PDF) - Monolithic Power Systems

MP2101 Datasheet PDF - Monolithic Power Systems
Part # MP2101
Download  MP2101 Download
File Size   469.17 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.6MHz Synchronous Step-Down plus 200mA LDO

MP2101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2101 Datasheet PDF - Monolithic Power Systems

Part # MP2101
Download  MP2101 Click to download

File Size   469.17 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.6MHz Synchronous Step-Down plus 200mA LDO

MP2101 Datasheet (HTML) - Monolithic Power Systems


MP2101 Product details

DESCRIPTION
The MP2101 is an internally compensated 1.6MHz fixed-frequency PWM step-down switcher with a 200mA low dropout (LDO) linear regulator. It is ideal for portable equipment powered by a single cell Lithium-Ion (Li+) Battery. The MP2101 can provide 800mA and 200mA of load current from a 2.5V to 6V input voltage. Both output voltages can be regulated as low as 0.6V.

FEATURES
• 0.8A Switcher Output and 0.2A LDO Output
• VIN1 Range for Switcher: 2.5V to 6V
• VIN2 Range for LDO: 1.2V to VIN1
• Internal Power MOSFET Switches
• Stable with Low ESR Output Ceramic Capacitors
• Up to 93% Efficiency
• 0.01µA Shutdown Current
• 1.6MHz Fixed Switching Frequency
• Up to 100% Switcher Duty Cycle
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Short Circuit Protection
• Power On Reset Output
• Available in 3x3 10-Pin QFN Packages

APPLICATIONS
• DVD+/-RW Drives
• Smart Phones
• PDAs
• Digital Cameras
• Portable Instruments




Similar Part No. - MP2101

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2101DQ MPS-MP2101DQ Datasheet
226Kb / 5P
1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
More results


Similar Description - MP2101

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
logo
Monolithic Power System...
EV2101DQ-00A MPS-EV2101DQ-00A Datasheet
226Kb / 5P
1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
logo
STMicroelectronics
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
LT3645 LINER-LT3645_15 Datasheet
306Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
logo
Advanced Monolithic Sys...
AMS4123 AMS-AMS4123 Datasheet
590Kb / 18P
3A 20V Step-Down Converter plus 1A LDO
logo
SHANGHAI BELLING CO., L...
BL9352A BELLING-BL9352A Datasheet
1Mb / 8P
45V, 1.6MHz, 600mA Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7445LA ACE-ACE7445LA Datasheet
189Kb / 3P
42V, 1.6MHz, 600mA Step-Down Converter
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com