Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3018 Datasheet (PDF) - UNISEM

US3018 Datasheet PDF - UNISEM
Part # US3018
Download  US3018 Download
File Size   108.26 Kbytes
Page   17 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD

US3018 Datasheet (PDF)

Go To PDF Page Download Datasheet
US3018 Datasheet PDF - UNISEM

Part # US3018
Download  US3018 Click to download

File Size   108.26 Kbytes
Page   17 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD

US3018 Datasheet (HTML) - UNISEM


US3018 Product details

DESCRIPTION
The US3018 controller IC is specifically designed to meet Intel specification for Pentium IIä microprocessor applications as well as the next generation of P6 family processors. The US3018 provides a single chip controller IC for the Vcore , LDO controller for GTL+ and an internal 200mA regulator for clock supply which are required for the Pentium II applications.
   
FEATURES
■ Provides Single Chip Solution for Vcore, GTL+
    & Clock Supply
■ 200 mA On board LDO regulator
■ Designed to meet the latest Intel specification
    for Pentium II™
■ On board DAC programs the output voltage
    from 1.3V to 3.5V
■ Linear regulator controller on board for 1.5V
    GTL+ supply
■ Loss less Short Circuit Protection with HICCUP
■ Synchronous operation allows maximum efficiency
■ Patented architecture allows fixed frequency
    operation as well as 100% duty cycle during
    dynamic load
■ Soft Start
■ High current totem pole driver for direct
    driving of the external Power MOSFET
■ Power Good function Monitors all Outputs
■ OVP Circuitry Protects the Switcher Output and
    generates a Fault signal
■ Thermal Shutdown
■ Logic Level Enable Input
   
APPLICATIONS
■ Total Power Soloution for Pentium II processor
    application
   




Similar Part No. - US3018

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010ACW UNISEM-US3010ACW Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010CW UNISEM-US3010CW Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results


Similar Description - US3018

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
logo
International Rectifier
IRU3007 IRF-IRU3007 Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com