Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3007 Datasheet (PDF) - UNISEM

US3007 Datasheet PDF - UNISEM
Part # US3007
Download  US3007 Download
File Size   101.19 Kbytes
Page   15 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD

US3007 Datasheet (PDF)

Go To PDF Page Download Datasheet
US3007 Datasheet PDF - UNISEM

Part # US3007
Download  US3007 Click to download

File Size   101.19 Kbytes
Page   15 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD

US3007 Datasheet (HTML) - UNISEM


US3007 Product details

DESCRIPTION
The US3007 controller IC is specifically designed to meet Intel specification for Pentium IIä microprocessor applications as well as the next generation of P6 family processors.
   
FEATURES
■ Provides Single Chip Solution for Vcore,
    GTL+ ,Clock Supply & 3.3V Switcher on board
■ Second Switcher Provides Simple Control for
    the On board 3.3V supply
■ 200 mA On board LDO regulator
■ Designed to meet Intel VRM 8.2 and 8.3
    specification for Pentium IIä
■ On board DAC programs the output voltage
    from 1.3V to 3.5V
■ Linear regulator controller on board for 1.5V
    GTL+ supply
■ Loss less Short Circuit Protection
■ Synchronous operation allows maximum
    efficiency
■ Patented architecture allows fixed frequency
    operation as well as 100% duty cycle during
    dynamic load
■ Minimum part count
■ Soft Start
■ High current totem pole driver for direct
    driving of the external Power MOSFET
■ Power Good function Monitors all Outputs
■ OVP Circuitry Protects the Switcher Outputs
    and generates a Fault output
■ Thermal Shutdown
   
APPLICATIONS
■ Total Power Soloution for Pentium II processor
    application
   




Similar Part No. - US3007

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
Wide Temperature Range
logo
Unitpower Technology Li...
US3002 UNITPOWER-US3002 Datasheet
787Kb / 4P
N-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
US3004CW UNISEM-US3004CW Datasheet
99Kb / 14P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
More results


Similar Description - US3007

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
logo
International Rectifier
IRU3007 IRF-IRU3007 Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com