Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3022 Datasheet (PDF) - UNISEM

US3022 Datasheet PDF - UNISEM
Part # US3022
Download  US3022 Download
File Size   61.04 Kbytes
Page   7 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER

US3022 Datasheet (PDF)

Go To PDF Page Download Datasheet
US3022 Datasheet PDF - UNISEM

Part # US3022
Download  US3022 Click to download

File Size   61.04 Kbytes
Page   7 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER

US3022 Datasheet (HTML) - UNISEM


US3022 Product details

DESCRIPTION
The US3022 is the first controller IC with five controller in one package specifically designed to meet Intel specification for next generation microprocessor applications requiring multiple on board regulators .
   
FEATURES
■ Provides Single Chip Solution for Vcore,
    GTL+ ,AGP Bus, 1.8V , 2.5V
■ Automatic Voltage Selection for AGP slots
    Vddq supply
■ 4 Linear regulator controller on board to
    achieve lowest system cost solution
■ Standby Vref provides reference for the ACPI
    regulators
■ Designed to meet Intel Latest VRM specification
    for next generation micrprocessors
■ On board DAC programs the output voltage
    from 1.3V to 2.05V
■ On board resistor dividers provides lowest
    component count
■ Loss less Short Circuit Protection for all
    outputs
■ Synchronous operation allows maximum
    efficiency
■ Patented architecture allows fixed frequency
    operation as well as 100% duty cycle during
    dynamic load
■ Soft Start
■ High current totem pole driver for direct
    driving of the external Power MOSFET
■ Power Good function Monitors all Outputs
■ OVP Circuitry Protects the Switcher Output
    and generates a Fault output
   
APPLICATIONS
■ Total Power Soloution for Next Generation Intel
    Processor application
   




Similar Part No. - US3022

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021BCW UNISEM-US3021BCW Datasheet
62Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021MCW UNISEM-US3021MCW Datasheet
61Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
More results


Similar Description - US3022

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com