Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D312C Datasheet (PDF) - Monolithic Power Systems

D312C Datasheet PDF - Monolithic Power Systems
Part # D312C
Download  D312C Download
File Size   448.74 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.7MHz, 600mA Synchronous Step-Down Converter

D312C Datasheet (PDF)

Go To PDF Page Download Datasheet
D312C Datasheet PDF - Monolithic Power Systems

Part # D312C
Download  D312C Click to download

File Size   448.74 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.7MHz, 600mA Synchronous Step-Down Converter

D312C Datasheet (HTML) - Monolithic Power Systems


D312C Product details

DESCRIPTION

The MP2104 is a 1.7MHz constant frequency, current mode, PWM step-down converter. The device integrates a main switch and a synchronous rectifier for high efficiency without an external Schottky diode. It is ideal for powering portable equipment that runs from a single cell Lithium-Ion (Li+) battery. The MP2104 can supply 600mA of load current from a 2.5V to 6V input voltage. The output voltage for the MP2104DJ can be regulated as low as 0.6V, while the output voltages of the MP2104DJ-1.5 and MP2104DJ-1.8 are fixed at 1.5V and 1.8V, respectively. The MP2104 can also run at 100% duty cycle for low dropout applications.



FEATURES

• High Efficiency: Up to 95%

• 1.7MHz Constant Switching Frequency

• 600mA Available Load Current

• 2.5V to 6V Input Voltage Range

• Output Voltage as Low as 0.6V

• 100% Duty Cycle in Dropout

• Current Mode Control

• Short Circuit Protection

• Thermal Fault Protection

• <0.1µA Shutdown Current

• 1.5V and 1.8V Fixed Output Versions

• Space Saving 5-Pin TSOT23 Package



APPLICATIONS

• Cellular and Smart Phones

• Microprocessors and DSP Core Supplies

• PDAs

• MP3 Players

• Digital Still and Video Cameras

• Portable Instruments



 




Similar Part No. - D312C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D312C TOKO-D312C Datasheet
99Kb / 1P
Fixed Inductors for Cellular Phone
More results


Similar Description - D312C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
600mA Synchronous Buck Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28114 MPS-MP28114 Datasheet
505Kb / 11P
Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
MP28119 MPS-MP28119 Datasheet
287Kb / 12P
Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
600mA, 1.5MHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com