Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014N Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRLL014N Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRLL014N
Download  IRLL014N Download
File Size   1039.76 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 55V N-Channel MOSFET

IRLL014N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLL014N Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLL014N
Download  IRLL014N Click to download

File Size   1039.76 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 55V N-Channel MOSFET

IRLL014N Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRLL014N Product details

Benefits
VDS (V) =55V
ID =2.0A (VGS = 10V)
RDS(ON)<140mΩ(VGS=10V)
Surface Mount
Advanced Process Technology
Ultra Low On-resistance
Dynamic dv / dt Rating
Fast Switching




Similar Part No. - IRLL014N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL014N IRF-IRLL014N Datasheet
158Kb / 9P
HEXFET Power MOSFET
IRLL014N IRF-IRLL014N Datasheet
165Kb / 9P
Advanced Process Technology
IRLL014NPBF IRF-IRLL014NPBF Datasheet
261Kb / 9P
HEXFET Power MOSFET
IRLL014NPBF IRF-IRLL014NPBF Datasheet
262Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRLL014NPBF IRF-IRLL014NPBF_15 Datasheet
262Kb / 9P
ADVANCED PROCESS TECHNOLOGY
More results


Similar Description - IRLL014N

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5505 GOOD-ARK-SSPL5505 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
55V N -Channel MOSFET
IRFR4105TR UMW-IRFR4105TR Datasheet
490Kb / 7P
55V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com