Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014N Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLL014N
Description  55V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLL014N Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLL014N Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014N Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014N Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014N Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014N Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014N Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014N Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRLL014N Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RθJA
Junction-to-Amb. (PCB Mount, steady state)*
90
120
RθJA
Junction-to-Amb. (PCB Mount, steady state)**
50
60
°C/W
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V**
2.8
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V*
2.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V*
1.6
IDM
Pulsed Drain Current 
16
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.1
W
PD @TA = 25°C
Power Dissipation (PCB Mount)*
1.0
W
Linear Derating Factor (PCB Mount)*
8.3
mW/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy‚
32
mJ
IAR
Avalanche Current
2.0
A
EAR
Repetitive Avalanche Energy*
0.1
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ
7.2
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
A
55V N-Channel MOSFET
IRLL014
Description
The SOT-223 package is designed for surface-
mountusing vapor phase , infra red , or wave soldering
techniquests unique package design allows for easy
automatic pickand-place as with other packages but
hasthe added advantage of improved thermal
performancedue to an enlarged tab for heatsinking .
Power dissipationof 1 . OW is possible in a typical
surface mount application
(VGS = 10V)
VDS (V) =55V
ID =2.0A
RDS(ON)<140mΩ(VGS=10V)
•
•
•
Surface Mount
Advanced Process Technology
Ultra Low On-resistance
Dynamic dv / dt Rating
Fast Switching
•
•
•
•
•
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Parameter
Max.
Units
Thermal Resistance
Parameter
Max.
Units
Typ.
S
D
G
Benefits
Page 1 of 8
Rev:2023A2


Similar Part No. - IRLL014N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL014N IRF-IRLL014N Datasheet
158Kb / 9P
HEXFET Power MOSFET
IRLL014N IRF-IRLL014N Datasheet
165Kb / 9P
Advanced Process Technology
IRLL014NPBF IRF-IRLL014NPBF Datasheet
261Kb / 9P
HEXFET Power MOSFET
IRLL014NPBF IRF-IRLL014NPBF Datasheet
262Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRLL014NPBF IRF-IRLL014NPBF_15 Datasheet
262Kb / 9P
ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRLL014N

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5505 GOOD-ARK-SSPL5505 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
55V N -Channel MOSFET
IRFR4105TR UMW-IRFR4105TR Datasheet
490Kb / 7P
55V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com