Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3815 Datasheet (PDF) - EPCOS

B3815 Datasheet PDF - EPCOS
Part # B3815
Download  B3815 Download
File Size   73.82 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 385,0 MHz

B3815 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3815 Datasheet PDF - EPCOS

Part # B3815
Download  B3815 Click to download

File Size   73.82 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 385,0 MHz

B3815 Datasheet (HTML) - EPCOS


B3815 Product details

Features
● Low-loss filter for Trunked Radio
● Usable bandwidth 10 MHz
● No matching required for operation at 50 Ω
● Unbalanced to unbalanced or unbalanced to balanced operation
● Package for Surface Mounted Technology (SMT)
● Hermetically sealed ceramic package




Similar Part No. - B3815

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B3813BRG HARVATEK-B3813BRG Datasheet
683Kb / 15P
Top view Chip LED
07/03/2017 Version 1.5
B3813BRG-H2C-00011K HARVATEK-B3813BRG-H2C-00011K Datasheet
683Kb / 15P
Top view Chip LED
07/03/2017 Version 1.5
logo
EPCOS
B3817 EPCOS-B3817 Datasheet
67Kb / 7P
SAW Components Low-loss Filter 208,0 MHz
logo
Knowles Capacitors All ...
B381KD0S JOHANSONMANUFACTURING-B381KD0S Datasheet
1Mb / 5P
38.1GHz Surface Mount Bandpass Filter
May 2024
B381KD0S-T JOHANSONMANUFACTURING-B381KD0S-T Datasheet
1Mb / 5P
38.1GHz Surface Mount Bandpass Filter
May 2024
More results


Similar Description - B3815

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3683 EPCOS-B3683 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter 382,5 MHz
B3688 EPCOS-B3688 Datasheet
72Kb / 5P
SAW Components Low-Loss Filter 499,25 MHz
B3760 EPCOS-B3760 Datasheet
81Kb / 6P
SAW Components Low-loss Filter 433,92 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com