Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3817 Datasheet (PDF) - EPCOS

B3817 Datasheet PDF - EPCOS
Part # B3817
Download  B3817 Download
File Size   67.77 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 208,0 MHz

B3817 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3817 Datasheet PDF - EPCOS

Part # B3817
Download  B3817 Click to download

File Size   67.77 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 208,0 MHz

B3817 Datasheet (HTML) - EPCOS


B3817 Product details

Features
● IF low-loss filter for W-CDMA base station
● Temperature stable
● Usable bandwidth 3,84 MHz
● Ceramic SMD package




Similar Part No. - B3817

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B3813BRG HARVATEK-B3813BRG Datasheet
683Kb / 15P
Top view Chip LED
07/03/2017 Version 1.5
B3813BRG-H2C-00011K HARVATEK-B3813BRG-H2C-00011K Datasheet
683Kb / 15P
Top view Chip LED
07/03/2017 Version 1.5
logo
EPCOS
B3815 EPCOS-B3815 Datasheet
73Kb / 7P
SAW Components Low-loss Filter 385,0 MHz
logo
Knowles Capacitors All ...
B381KD0S JOHANSONMANUFACTURING-B381KD0S Datasheet
1Mb / 5P
38.1GHz Surface Mount Bandpass Filter
May 2024
B381KD0S-T JOHANSONMANUFACTURING-B381KD0S-T Datasheet
1Mb / 5P
38.1GHz Surface Mount Bandpass Filter
May 2024
More results


Similar Description - B3817

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3646 EPCOS-B3646 Datasheet
60Kb / 5P
SAW Components Low-loss Filter 208,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3848 EPCOS-B3848 Datasheet
64Kb / 6P
SAW Components Low-Loss Filter 208,0 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B5035 EPCOS-B5035 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter 208,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com