Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3848 Datasheet (PDF) - EPCOS

B3848 Datasheet PDF - EPCOS
Part # B3848
Download  B3848 Download
File Size   64.69 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 208,0 MHz

B3848 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3848 Datasheet PDF - EPCOS

Part # B3848
Download  B3848 Click to download

File Size   64.69 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 208,0 MHz

B3848 Datasheet (HTML) - EPCOS




Similar Part No. - B3848

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
SAW Components Low-Loss Filter 174,2 MHz
logo
Cooper Bussmann, Inc.
B384104 COOPER-B384104 Datasheet
938Kb / 23P
Single Row Terminal Blocks
logo
List of Unclassifed Man...
B3842 ETC-B3842 Datasheet
434Kb / 10P
Current Mode PWM Controller
B3842A1P ETC-B3842A1P Datasheet
434Kb / 10P
Current Mode PWM Controller
B3842AM ETC-B3842AM Datasheet
434Kb / 10P
Current Mode PWM Controller
More results


Similar Description - B3848

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3646 EPCOS-B3646 Datasheet
60Kb / 5P
SAW Components Low-loss Filter 208,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3817 EPCOS-B3817 Datasheet
67Kb / 7P
SAW Components Low-loss Filter 208,0 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B5035 EPCOS-B5035 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter 208,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com