Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA701D Datasheet (PDF) - NXP Semiconductors

SA701D Datasheet PDF - NXP Semiconductors
Part # SA701D
Download  SA701D Download
File Size   82.82 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Divide by: 128/129-64/65 dual modulus low power ECL prescaler

SA701D Datasheet (PDF)

Go To PDF Page Download Datasheet
SA701D Datasheet PDF - NXP Semiconductors

Part # SA701D
Download  SA701D Click to download

File Size   82.82 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Divide by: 128/129-64/65 dual modulus low power ECL prescaler

SA701D Datasheet (HTML) - NXP Semiconductors


SA701D Product details

DESCRIPTION
The SA701 is an advanced dual modulus (Divide By 128/129 or 64/65) low power ECL prescaler. The minimum supply voltage is 2.7V and is compatible with the CMOS UMA1005 synthesizer from Philips and other logic circuits. The low supply current allows application in battery operated low-power equipment. Maximum input signal frequency is 1.1GHz for cellular and other land mobile applications.

FEATURES
• Low voltage operation
• Low current consumption
• Operation up to 1.1GHz
• ESD hardened

APPLICATIONS
• Cellular phones
• Cordless phones
• RF LANs
• Test and measurement
• Military radio
• VHF/UHF mobile radio
• VHF/UHF hand-held radio




Similar Part No. - SA701D

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA701 POLYFET-SA701 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
NXP Semiconductors
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA7016DH PHILIPS-SA7016DH Datasheet
232Kb / 18P
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Polyfet RF Devices
SA701 POLYFET-SA701_14 Datasheet
60Kb / 2P
RF POWER VDMOS TRANSISTOR
More results


Similar Description - SA701D

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
165Kb / 4P
1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129
logo
NXP Semiconductors
SA702 PHILIPS-SA702 Datasheet
80Kb / 7P
Divide by: 64/65/72 triple modulus low power ECL prescaler
June 17, 1993
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
DIVIDE- BY- 64/65/128/129 PRESCALER
logo
California Eastern Labs
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
Motorola, Inc
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12022TSA MOTOROLA-MC12022TSA Datasheet
90Kb / 4P
첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12036A MOTOROLA-MC12036A Datasheet
100Kb / 4P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER WITH STAND?밄Y MODE
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com