Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2112 Datasheet (PDF) - Monolithic Power Systems

MP2112 Datasheet PDF - Monolithic Power Systems
Part # MP2112
Download  MP2112 Download
File Size   278.47 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1MHz, 1A Synchronous Step-Down Converter

MP2112 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2112 Datasheet PDF - Monolithic Power Systems

Part # MP2112
Download  MP2112 Click to download

File Size   278.47 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1MHz, 1A Synchronous Step-Down Converter

MP2112 Datasheet (HTML) - Monolithic Power Systems


MP2112 Product details

DESCRIPTION

The MP2112 is a 1MHz constant frequency, current mode, PWM step-down converter. The device integrates a main switch and a synchronous rectifier for high efficiency without an external Schottky diode. It is ideal for powering portable equipment that powered by a single cell Lithium-Ion (Li+) battery. The MP2112 can supply 1A of load current from a 2.5V to 6V input voltage. The output voltage can be regulated as low as 0.6V. The MP2112 can also run at 100% duty cycle for low dropout applications.



FEATURES

• High Efficiency: Up to 95%

• 1MHz Constant Switching Frequency

• 1A Available Load Current

• 2.5V to 6V Input Voltage Range

• Output Voltage as Low as 0.6V

• 100% Duty Cycle in Dropout

• Current Mode Control

• Short Circuit Protection

• Thermal Fault Protection

• <0.1µA Shutdown Current

• Space Saving 3mm x 3mm QFN6 Package



APPLICATIONS

• Cellular and Smart Phones

• Microprocessors and DSP Core Supplies

• PDAs

• MP3 Players

• Digital Still and Video Cameras

•Portable Instruments




Similar Part No. - MP2112

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2112DQ MPS-MP2112DQ Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
More results


Similar Description - MP2112

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
3A, 1MHz, Synchronous Step-Down Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5728 GMT-G5728 Datasheet
77Kb / 1P
1MHz 1A Synchronous Step-Down Regulator
G5725 GMT-G5725 Datasheet
151Kb / 2P
1MHz 1A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com