Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2303DN Datasheet (PDF) - Monolithic Power Systems

MP2303DN Datasheet PDF - Monolithic Power Systems
Part # MP2303DN
Download  MP2303DN Download
File Size   348.83 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 28V, 340KHz Synchronous Rectified Step-Down Converter

MP2303DN Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2303DN Datasheet PDF - Monolithic Power Systems

Part # MP2303DN
Download  MP2303DN Click to download

File Size   348.83 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 28V, 340KHz Synchronous Rectified Step-Down Converter

MP2303DN Datasheet (HTML) - Monolithic Power Systems


MP2303DN Product details

DESCRIPTION

The MP2303 is a monolithic synchronous buck regulator. The device integrates power MOSFETS that provide 3A continuous load current over a wide operating input voltage of 4.75V to 28V. Current mode control provides fast transient response and cycle-by-cycle current limit.



FEATURES

• 3A Output Current

• Wide 4.75V to 28V Operating Input Range

• Integrated Power MOSFET Switches

• Output Adjustable from 0.8V to 25V

• Up to 95% Efficiency

•Programmable Soft-Start

• Stable with Low ESR Ceramic Output Capacitors

• Fixed 340KHz Frequency

• Cycle-by-Cycle Over Current Protection

• Input Under Voltage Lockout

• Thermally  Enhanced  8-Pin  SOIC  and 3x3 QFN10 Packages




Similar Part No. - MP2303DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2303DN MPS-MP2303DN Datasheet
197Kb / 4P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303DN MPS-MP2303DN Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
More results


Similar Description - MP2303DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2303DN-00A MPS-EV2303DN-00A Datasheet
197Kb / 4P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303_06 Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Analog Microelectronics
AME5269 AME-AME5269 Datasheet
346Kb / 18P
2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
AME5268 AME-AME5268 Datasheet
203Kb / 20P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Anpec Electronics Corop...
A5268 ANPEC-A5268 Datasheet
479Kb / 16P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Rev.B.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com