Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2303DN Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2303DN
Description  3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303DN Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2303DN Datasheet HTML 4Page - Monolithic Power Systems MP2303DN Datasheet HTML 5Page - Monolithic Power Systems MP2303DN Datasheet HTML 6Page - Monolithic Power Systems MP2303DN Datasheet HTML 7Page - Monolithic Power Systems MP2303DN Datasheet HTML 8Page - Monolithic Power Systems MP2303DN Datasheet HTML 9Page - Monolithic Power Systems MP2303DN Datasheet HTML 10Page - Monolithic Power Systems MP2303DN Datasheet HTML 11Page - Monolithic Power Systems MP2303DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP2303 – 3A, 28V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP2303 Rev. 0.91
www.MonolithicPower.com
9
3/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
In this case, a third pole set by the optional
compensation
capacitor
(C6)
and
the
compensation
resistor
(R3)
is
used
to
compensate the effect of the ESR zero on the
loop gain. This pole is located at:
3
R
6
C
2
1
f 3
P
×
×
π
=
The goal of compensation design is to shape
the converter transfer function to get a desired
loop gain. The system crossover frequency
where the feedback loop has the unity gain is
important.
Lower crossover frequencies result in slower
line and load transient responses, while higher
crossover frequencies could cause system
instability. A good rule of thumb is to set the
crossover frequency to approximately one-tenth
of the switching frequency. Switching frequency
for the MP2303 is 340KHz, so the desired
crossover frequency is 34KHz.
Table 3 lists the typical values of compensation
components for some standard output voltages
with various output capacitors and inductors. The
values of the compensation components have
been optimized for fast transient responses and
good stability at given conditions.
Table 3—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
L
C2
R3
C3
C6
1.8V
4.7µH
100µF
Ceramic
5.6kΩ
5.6nF
None
2.5V
4.7µH -
6.8µH
47µF Ceramic
3.65kΩ 8.2nF
None
3.3V
6.8µH -
10µH
22µFx2
Ceramic
4.42kΩ 4.7nF
None
5V
10µH -
15µH
22µFx2
Ceramic
6.98kΩ 3.3nF
None
12V
15µH -
22µH
22µFx2
Ceramic
16.5kΩ 1.8nF
None
1.8
4.7µH
100µF/100mΩ
SP-CAP
8.4kΩ
2.2nF
None
2.5V
4.7µH -
6.8µH
47µF
SP-CAP
5.6kΩ
3.3nF
None
3.3V
6.8µH -
10µH
47µF
SP-CAP
6.8kΩ
2.2nF
None
5V
10µH -
15µH
47µF
SP CAP
10kΩ
2.2nF
None
2.5V
4.7µH -
6.8µH
560µF Al.
30mΩ ESR
10kΩ
12nF
1.8nF
3.3V
6.8µH -
10µH
560µF Al
30mΩ ESR
10kΩ
10nF
1.5nF
5V
10µH -
15µH
470µF Al.
30mΩ ESR
15kΩ
8.2nF
1nF
12V
15µH -
22µH
220µF Al.
30mΩ ESR
15kΩ
10nF
390pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com