Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2303DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2303DN
Description  3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2303DN Datasheet HTML 4Page - Monolithic Power Systems MP2303DN Datasheet HTML 5Page - Monolithic Power Systems MP2303DN Datasheet HTML 6Page - Monolithic Power Systems MP2303DN Datasheet HTML 7Page - Monolithic Power Systems MP2303DN Datasheet HTML 8Page - Monolithic Power Systems MP2303DN Datasheet HTML 9Page - Monolithic Power Systems MP2303DN Datasheet HTML 10Page - Monolithic Power Systems MP2303DN Datasheet HTML 11Page - Monolithic Power Systems MP2303DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP2303 – 3A, 28V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP2303 Rev. 0.91
www.MonolithicPower.com
11
3/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL APPLICATION CIRCUITS
INPUT
4.75V to 28V
OUTPUT
2.5V
3A
C3
8.2nF
C6
(optional)
D1
B130
(optional)
C5
10nF
MP2303
BS
IN
FB
SW
1
3
5
6
4
8
7
2
SS
GND
COMP
EN
MP2303_F03
Figure 3—MP2303 with 2.5V Output, 47µF/6.3V Ceramic Output Capacitor
INPUT
4.75V to 28V
OUTPUT
3.3V/3A
C3
4.7nF
C6
(optional)
D1
B130
(optional)
C5
10nF
D2
MP2303
BS
IN
1
3
2
5
6
4
8
7
FB
SW
SS
GND
COMP
EN
MP2303_F04
Figure 4—MP2303 with 3.3V Output, 47µF/6.3V Ceramic Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com